Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 19 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 19 Page - Motorola, Inc

Back Button MC145151P2 Datasheet HTML 15Page - Motorola, Inc MC145151P2 Datasheet HTML 16Page - Motorola, Inc MC145151P2 Datasheet HTML 17Page - Motorola, Inc MC145151P2 Datasheet HTML 18Page - Motorola, Inc MC145151P2 Datasheet HTML 19Page - Motorola, Inc MC145151P2 Datasheet HTML 20Page - Motorola, Inc MC145151P2 Datasheet HTML 21Page - Motorola, Inc MC145151P2 Datasheet HTML 22Page - Motorola, Inc MC145151P2 Datasheet HTML 23Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
19
If frequency fV is greater than fR or if the phase of fV is
leading, then error information is provided by
φV pulsing low.
φR remains essentially high.
If the frequency fV is less than fR or if the phase of fV is
lagging, then error information is provided by
φR pulsing low.
φV remains essentially high.
If the frequency of fV = fR and both are in phase, then both
φV and φR remain high except for a small minimum time
period when both pulse low in phase.
fR, fV
R Counter Output, N Counter Output (Pins 13, 3)
Buffered, divided reference and fin frequency outputs. The
fR and fV outputs are connected internally to the ÷ R and ÷ N
counter outputs respectively, allowing the counters to be
used independently, as well as monitoring the phase detector
inputs.
LD
Lock Detector Output (Pin 7)
This output is essentially at a high level when the loop is
locked (fR, fV of same phase and frequency), and pulses low
when loop is out of lock.
REFout
Buffered Reference Oscillator Output (Pin 14)
This output can be used as a second local oscillator, refer-
ence oscillator to another frequency synthesizer, or as the
system clock to a microprocessor controller.
S/Rout
Shift Register Output (Pin 12)
This output can be connected to an external shift register
to provide band switching, control information, and counter
programming code checking.
POWER SUPPLY
VDD
Positive Power Supply (Pin 4)
The positive power supply potential. This pin may range
from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 6)
The most negative supply potential. This pin is usually
ground.
MC145157–2 Data Sheet Continued on Page 23


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com