Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 17 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MC145151P2 Datasheet HTML 13Page - Motorola, Inc MC145151P2 Datasheet HTML 14Page - Motorola, Inc MC145151P2 Datasheet HTML 15Page - Motorola, Inc MC145151P2 Datasheet HTML 16Page - Motorola, Inc MC145151P2 Datasheet HTML 17Page - Motorola, Inc MC145151P2 Datasheet HTML 18Page - Motorola, Inc MC145151P2 Datasheet HTML 19Page - Motorola, Inc MC145151P2 Datasheet HTML 20Page - Motorola, Inc MC145151P2 Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
17
Serial-Input PLL Frequency
Synthesizer
Interfaces with Single–Modulus Prescalers
The MC145157–2 has a fully programmable 14–bit reference counter, as well
as a fully programmable
÷ N counter. The counters are programmed serially
through a common data input and latched into the appropriate counter latch,
according to the last data bit (control bit) entered.
The MC145157–2 is an improved–performance drop–in replacement for the
MC145157–1. Power consumption has decreased and ESD and latch–up
performance have improved.
• Operating Temperature Range: – 40 to 85°C
• Low Power Consumption Through Use of CMOS Technology
• 3.0 to 9.0 V Supply Range
• Fully Programmable Reference and ÷ N Counters
• ÷ R Range = 3 to 16383
• ÷ N Range = 3 to 16383
• fV and fR Outputs
• Lock Detect Signal
• Compatible with the Serial Peripheral Interface (SPI) on CMOS MCUs
• “Linearized” Digital Phase Detector
• Single–Ended (Three–State) or Double–Ended Phase Detector Outputs
• Chip Complexity: 6504 FETs or 1626 Equivalent Gates
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145157-2
P SUFFIX
PLASTIC DIP
CASE 648
DW SUFFIX
SOG PACKAGE
CASE 751G
ORDERING INFORMATION
MC145157P2
Plastic DIP
MC145157DW2
SOG Package
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
S/Rout
fR
REFout
φV
φR
CLK
DATA
ENB
VDD
fV
OSCout
OSCin
fin
LD
VSS
PDout
1
16
1
16
© Motorola, Inc. 1995
REV 1
8/95


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com