Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 14 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MC145151P2 Datasheet HTML 10Page - Motorola, Inc MC145151P2 Datasheet HTML 11Page - Motorola, Inc MC145151P2 Datasheet HTML 12Page - Motorola, Inc MC145151P2 Datasheet HTML 13Page - Motorola, Inc MC145151P2 Datasheet HTML 14Page - Motorola, Inc MC145151P2 Datasheet HTML 15Page - Motorola, Inc MC145151P2 Datasheet HTML 16Page - Motorola, Inc MC145151P2 Datasheet HTML 17Page - Motorola, Inc MC145151P2 Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
14
12 x 8 ROM REFERENCE DECODER
φV
φR
12–BIT
÷ R COUNTER
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
fin
VDD
OSCin
OSCout
ENB
12
10
SW2
SW1
fR
fV
LATCH
DATA
2–BIT SHIFT
REGISTER
CLK
10
REFout
10–BIT SHIFT REGISTER
7–BIT SHIFT REGISTER
÷ A COUNTER LATCH
÷ N COUNTER LATCH
7–BIT
÷ A COUNTER
10–BIT
÷ N COUNTER
CONTROL LOGIC
MC
7
7
MC145156–2 BLOCK DIAGRAM
RA2
RA0
RA1
PIN DESCRIPTIONS
INPUT PINS
fin
Frequency Input (Pin 10)
Input to the positive edge triggered
÷ N and ÷ A counters.
fin is typically derived from a dual–modulus prescaler and is
ac coupled into the device. For larger amplitude signals
(standard CMOS logic levels), dc coupling may be used.
RA0, RA1, RA2
Reference Address Inputs (Pins 20, 1, 2)
These three inputs establish a code defining one of eight
possible divide values for the total reference divider, as
defined by the table below:
Reference Address Code
Total
Divide
Value
RA2
RA1
RA0
Divide
Value
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
8
64
128
256
640
1000
1024
2048
CLK, DATA
Shift Register Clock, Serial Data Inputs (Pins 11, 12)
Each low–to–high transition clocks one bit into the on–chip
19–bit shift register. The data input provides programming in-
formation for the 10–bit
÷ N counter, the 7–bit ÷ A counter,
and the two switch signals SW1 and SW2. The entry format
is as follows:
÷ N COUNTER BITS
LAST DATA BIT IN (BIT NO. 19)
FIRST DATA BIT IN (BIT NO. 1)
÷ A COUNTER BITS
ENB
Latch Enable Input (Pin 13)
When high (1), ENB transfers the contents of the shift reg-
ister into the latches, and to the programmable counter in-
puts, and the switch outputs SW1 and SW2. When low (0),
ENB inhibits the above action and thus allows changes to be
made in the shift register data without affecting the counter
programming and switch outputs. An on–chip pull–up esta-
blishes a continuously high level for ENB when no external
signal is applied. ENB is normally low and is pulsed high to
transfer data to the latches.
OSCin, OSCout
Reference Oscillator Input/Output (Pins 19, 18)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be
connected from OSCin to ground and OSCout to ground.
OSCin may also serve as the input for an externally–gener-
ated reference signal. This signal is typically ac coupled to
OSCin, but for larger amplitude signals (standard CMOS
logic levels) dc coupling may also be used. In the external
reference mode, no connection is required to OSCout.
TEST
Factory Test Input (Pin 16)
Used in manufacturing. Must be left open or tied to VSS.


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com