Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145151P2 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC145151P2
Description  Parallel-Input PLL Frequency Synthesizer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145151P2 Datasheet(HTML) 4 Page - Motorola, Inc

  MC145151P2 Datasheet HTML 1Page - Motorola, Inc MC145151P2 Datasheet HTML 2Page - Motorola, Inc MC145151P2 Datasheet HTML 3Page - Motorola, Inc MC145151P2 Datasheet HTML 4Page - Motorola, Inc MC145151P2 Datasheet HTML 5Page - Motorola, Inc MC145151P2 Datasheet HTML 6Page - Motorola, Inc MC145151P2 Datasheet HTML 7Page - Motorola, Inc MC145151P2 Datasheet HTML 8Page - Motorola, Inc MC145151P2 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MC145151–2 through MC145158–2
MOTOROLA
4
φR, φV
Phase Detector B Outputs (Pins 8, 9)
These phase detector outputs can be combined externally
for a loop–error signal. A single–ended output is also avail-
able for this purpose (see PDout).
If frequency fV is greater than fR or if the phase of fV is
leading, then error information is provided by
φV pulsing low.
φR remains essentially high.
If the frequency fV is less than fR or if the phase of fV is
lagging, then error information is provided by
φR pulsing low.
φV remains essentially high.
If the frequency of fV = fR and both are in phase, then both
φV and φR remain high except for a small minimum time
period when both pulse low in phase.
fV
N Counter Output (Pin 10)
This is the buffered output of the
÷ N counter that is inter-
nally connected to the phase detector input. With this output
available, the
÷ N counter can be used independently.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same
phase and frequency). Pulses low when loop is out of lock.
POWER SUPPLY
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range
from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually
ground.
TYPICAL APPLICATIONS
Figure 1. 5 MHz to 5.5 MHz Local Oscillator Channel Spacing = 1 kHz
0 1 1 1 0 0 0 1 0 0 0 = 5 MHz
1 0 1 0 1 1 1 1 1 0 0 = 5.5 MHz
5 – 5.5 MHz
VOLTAGE
CONTROLLED
OSCILLATOR
NC
NC
PDout
RA0
RA1
RA2
N13
N0
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
MC145151–2
fin
OSCout
OSCin
2.048 MHz
Figure 2. Synthesizer for Land Mobile Radio UHF Bands
NOTES:
1. fR = 4.1667 kHz; ÷ R = 2410; 21.4 MHz low side injection during receive.
2. Frequency values shown are for the 440 – 470 MHz band. Similar implementation applies to the 406 – 440 MHz band.
For 470 – 512 MHz, consider reference oscillator frequency X9 for mixer injection signal (90.3750 MHz).
60.2500 MHz
“0”
“1”
“1”
CHOICE OF
DETECTOR
ERROR
SIGNALS
LOCK DETECT SIGNAL
T: 13.0833 – 18.0833 MHz
R: 9.5167 – 14.5167 MHz
T: 73.3333 – 78.3333 MHz
R: 69.7667 – 74.7667 MHz
X6
VCO
LOOP
FILTER
DOWN
MIXER
X6
T/R
VSS
VDD
CHANNEL PROGRAMMING
÷ N = 2284 TO 3484
TRANSMIT
(ADDS 856 TO
÷ N VALUE)
RECEIVE
REF. OSC.
10.0417 MHz
(ON–CHIP OSC.
OPTIONAL)
“1”
“0”
“0”
fV
LD
RA0
RA1
RA2
OSCin
OSCout
MC145151–2
+ V
TRANSMIT: 440.0 – 470.0 MHz
RECEIVE: 418.6 – 448.6 MHz
(25 kHz STEPS)
PDout
φR
fV
fin
MC145151–2 Data Sheet Continued on Page 23


Similar Part No. - MC145151P2

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Freescale Semiconductor...
MC145151P2 FREESCALE-MC145151P2 Datasheet
600Kb / 24P
   PLL Frequency Synthesizers (CMOS)
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Similar Description - MC145151P2

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC12202 MOTOROLA-MC12202 Datasheet
165Kb / 12P
   Serial Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB1507 FUJITSU-MB1507 Datasheet
117Kb / 14P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145157-2 MOTOROLA-MC145157-2 Datasheet
81Kb / 3P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com