Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1702-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1702-Q1
Description  TLV170x-Q1 2.2-V to 36-V, microPower Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV1702-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV1702-Q1 Datasheet HTML 3Page - Texas Instruments TLV1702-Q1 Datasheet HTML 4Page - Texas Instruments TLV1702-Q1 Datasheet HTML 5Page - Texas Instruments TLV1702-Q1 Datasheet HTML 6Page - Texas Instruments TLV1702-Q1 Datasheet HTML 7Page - Texas Instruments TLV1702-Q1 Datasheet HTML 8Page - Texas Instruments TLV1702-Q1 Datasheet HTML 9Page - Texas Instruments TLV1702-Q1 Datasheet HTML 10Page - Texas Instruments TLV1702-Q1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Common-Mode Voltage (V)
0
6
12
18
24
30
36
-3
-2
-1
0
1
2
3
D003
Common-Mode Voltage (V)
0
0.5
1
1.5
2
-3
-2
-1
0
1
2
3
D002
±18
±16
±14
±12
±10
±8
±6
±4
±2
0
0
5
10
15
20
Output Current (mA)
C011
V
S = ±1.1 V
V
S = ±18 V
0
0.25
0.5
0.75
1
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
C014
V
S = ±18 V
V
S = 2.2 V
35
40
45
50
55
60
65
70
75
±40 ±25 ±10
5
20
35
50
65
80
95
110 125
Temperature (
ƒC)
C017
V
S = 2.2 V
V
S = ±18 V
0
2
4
6
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
Ibn
Ibp
C015
V
S = ±18 V
V
S = 2.2 V
TLV1702-Q1, TLV1704-Q1
www.ti.com
SLOS890A – NOVEMBER 2015 – REVISED DECEMBER 2015
7.7 Typical Characteristics
at TA = 25°C, VS = 5 V, RPULLUP = 5.1 kΩ, and input overdrive = 100 mV (unless otherwise noted)
Figure 1. Quiescent Current vs Temperature
Figure 2. Input Bias Current vs Temperature
Figure 3. Input Offset Current vs Temperature
Figure 4. Output Voltage vs Output Current
VS = ±18 V
14 typical units shown
VS = 2.2 V
13 typical units shown
Figure 5. Offset Voltage vs Common-Mode Voltage
Figure 6. Offset Voltage vs Common-Mode Voltage
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TLV1702-Q1 TLV1704-Q1


Similar Part No. - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1702-Q1 TI1-TLV1702-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
More results

Similar Description - TLV1702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1701-Q1 TI1-TLV1701-Q1_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV170x-Q1 2.2-V to 36-V, microPower Comparator
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
[Old version datasheet]   TLV170x 2.2-V to 36-V, microPower Comparator
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   2.2-V to 36-V, microPower Comparator
TLV1704-SEP TI1-TLV1704-SEP Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV1704-SEP TI1-TLV1704-SEP_19 Datasheet
1Mb / 22P
[Old version datasheet]   2.2-V to 36-V, Radiation Hardened microPower Quad Comparator in Space Enhanced Plastic
TLV6713 TI1-TLV6713_18 Datasheet
365Kb / 21P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6713 TI1-TLV6713 Datasheet
328Kb / 19P
[Old version datasheet]   Micropower, 36-V Comparator With 400-mV Reference
TLV6710 TI1-TLV6710 Datasheet
502Kb / 23P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
TLV6710 TI1-TLV6710_18 Datasheet
539Kb / 25P
[Old version datasheet]   Micropower, 36-V Window Comparator With 400-mV Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com