Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G3208 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3208
Description  Dual 0.75 SPDT Analog Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3208 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3208 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.3
Feb 11, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3208
Global Mixed-mode Technology Inc.
Dual 0.75
Ω SPDT Analog Switch
Features
Low ON-State Resistance 0.75
Ω at 4.5V
Vcc
2.25V to 5.5V Power Supply (V+)
Isolation in Power-Down mode
1.65V to 1.95V Logic Supply (VIO)
Control Inputs Referenced to VIO
Low Charge Injection

Excellent ON Resistance Matching
Low supply Current (<1µA)
Break-before-make enable circuitry
WLCSP3X4-12 package
COM1 Port to GND 8KV HBM ESD
COM2 Port to GND 8KV HBM ESD
Applications
Cell Phones
PDAs
Portable Instrumentation
General Description
The G3208 is a low on-resistance, dual channel SPDT
(Single-Pole/Double-Throw) analog switch that oper-
ates from a 2.25V to 5.5V supply. The device offers an
excellent ON-resistance matching, and low total har-
monic distortion (THD) performance. The device is
designed for fast switching speeds with the break-
before-make feature to prevent signal distortion during
the transferring of signal from one channel to another.
These features make this device suitable for portable
audio applications. The G3208 has a separate logic
supply pin (VIO) that is characterized to operate from
1.65V to 1.95V. VIO powers the control circuitry, which
allows the G3208 to be controlled by 1.8V signals.
The G3208 is available in the WLCSP3X4-12 pack-
age.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G3208B51D
3208
-40°C to 85°C
WLCSP3X4-12
Note: B5: WLCSP3X4-12
1: Bonding Code
D: Tape & Reel
Pin Configuration
A1
12 Bump WLCSP
NO1
IN1
Bottom View
WLCSP3X4-12
IN2
NO2
B1
C1
NC1
COM1
COM2
NC2
D1
B2
A2
D2
C2
B3
A3
D3
C3
V+
VIO
GND
GND
A1
12 Bump WLCSP
NO1
IN1
Bottom View
WLCSP3X4-12
IN2
NO2
B1
C1
NC1
COM1
COM2
NC2
D1
B2
A2
D2
C2
B2
A2
D2
C2
B3
A3
D3
C3
V+
VIO
GND
GND


Similar Part No. - G3208

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
More results

Similar Description - G3208

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
Rev. B, 25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
Rev. B, 06-Sep-10
logo
Texas Instruments
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
Texas Instruments
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Global Mixed-mode Techn...
G3207 GMT-G3207 Datasheet
163Kb / 1P
0.75 SPDT Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com