Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1084 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1084
Description  5A Adjustable Low-Dropout Linear Regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1084 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1084_15 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 2.2
Jun 28, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1084
Global Mixed-mode Technology
5A Adjustable Low-Dropout Linear Regulator
Features
Available in Adjust Version
TO-220, TO-252, TO-263 and TO-263T
Package
Internal Short Circuit Current Limiting
Internal Over Temperature Protection
Output Current 5A
Applications
Post Regulation for Switching DC/DC Con-
verter
High Efficiency Linear Regulator
Battery Charger
Battery Powered Instrumentation
Motherboard
General Description
The G1084 is a low dropout linear regulator with a
dropout of 1.2V at 5A of load current. It is avail-
able in an adjustable version, which can set the
output from 1.25V to 5V with only two external
resistors.
The G1084 provides over temperature and over
current protection circuits to prevent it from being
damaged by abnormal operating conditions.
The G1084 is available in TO-220, TO-252, TO-263
and TO-263T packages. A minimum of 220µF
tantalum electrolytic capacitor is required at the
output to improve the transient response and sta-
bility.
Ordering Information
PIN OPTION
ORDER NUMBER
(Pb free/Green)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
REMARK
G1084T33Tf
G1084
-40°C to +85°C
TO-220
GND/ADJ
VOUT
VIN
G1084T43Uf
G1084
-40°C to +85°C
TO-252
GND/ADJ
VOUT
VIN
G1084T43D
G1084
-40°C to +85°C
TO-252
GND/ADJ
VOUT
VIN
G1084T53Uf
G1084
-40°C to +85°C
TO-263
GND/ADJ
VOUT
VIN
OBSOLETE
G1084TU3Uf
G1084
-40°C to +85°C
TO-263T
GND/ADJ
VOUT
VIN
OBSOLETE
* For other package types and pin options, please contact us at sales@gmt.com.tw
Note: T3: TO-220
T4: TO-252
T5: TO-263
TU: TO-263T (thin)
3: Bonding Code
U & D: Tape & Reel
T: Tube
Package Type
Typical Application
[Note 4]: Type of COUT
V
IN
G1084
C1
220µF
V
OUT
I
O
C
OUT
220µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252/
TO-263/TO-263T
1
3
TO-220
2
Top View
V
IN
G1084
C1
220µF
V
OUT
I
O
C
OUT
220µF
R2
R1
GND/ADJ
VIN
VOUT
Top View
1
2
3
TO-252/
TO-263/TO-263T
1
3
TO-220
2
Top View


Similar Part No. - G1084_15

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084-15T43U GMT-G1084-15T43U Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
G1084-15T43U GMT-G1084-15T43U Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
G1084-15T43UF GMT-G1084-15T43UF Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
300Kb / 8P
5A Low-Dropout Linear Regulator
G1084-15T53U GMT-G1084-15T53U Datasheet
342Kb / 9P
5A Low-Dropout Linear Regulator
More results

Similar Description - G1084_15

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1084 ETC-L1084 Datasheet
232Kb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
5A Adjustable Low Dropout Linear Regulator (LDO)
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com