Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7SB3257 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 7SB3257
Description  Mux / Demux Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

7SB3257 Datasheet(HTML) 1 Page - ON Semiconductor

  7SB3257 Datasheet HTML 1Page - ON Semiconductor 7SB3257 Datasheet HTML 2Page - ON Semiconductor 7SB3257 Datasheet HTML 3Page - ON Semiconductor 7SB3257 Datasheet HTML 4Page - ON Semiconductor 7SB3257 Datasheet HTML 5Page - ON Semiconductor 7SB3257 Datasheet HTML 6Page - ON Semiconductor 7SB3257 Datasheet HTML 7Page - ON Semiconductor 7SB3257 Datasheet HTML 8Page - ON Semiconductor 7SB3257 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 4
1
Publication Order Number:
7SB3257/D
7SB3257
Mux / Demux Bus Switch
The 7SB3257 Mux / Demux Bus Switch is an advanced high−speed
line switch in ultra−small footprint.
Features
High Speed: tPD = 0.25 ns (Max) @ VCC = 4.5 V
3 W Switch Connection Between 2 Ports
Power Down Protection Provided on Inputs
Ultra−Small Packages
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Figure 1. Logic Diagram
Figure 2. TSOP−6/SC−88
(Top View)
B0
S
B1
B0
GND
VCC
A
1
2
3
6
4
B1
B0
GND
S
A
VCC
1
2
3
6
5
4
Figure 3. ULLGA6/UDFN6
(Top View)
A
B1
5
S
Function Table
Input S
Function
L
A = B0
H
A = B1
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
http://onsemi.com
1
1
1
ULLGA6
1.0 x 1.0
CASE 613AD
ULLGA6
1.2 x 1.0
CASE 613AE
ULLGA6
1.45 x 1.0
CASE 613AF
M
6
1
6
AG M
G
G
(Note: Microdot may be in either location)
AK, AG, K, D, L = Specific Device Code
M
= Date Code
G
= Pb−Free Package
TSOP−6
DT SUFFIX
CASE 318G
SOT−363/SC70−6/SC−88
DF SUFFIX
CASE 419B
6
AK M
G
G
G
M
G
M
G
1
6
UDFN6
1.2 x 1.0
CASE 517AA
M
G
1
1
1
1
UDFN6
1.45 x 1.0
CASE 517AQ
XM
1
UDFN6
1.0 x 1.0
CASE 517BX
X M


Similar Part No. - 7SB3257

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
7SB3125 ONSEMI-7SB3125 Datasheet
147Kb / 10P
Bus Switch
September, 2010 ??Rev. 1
7SB3126 ONSEMI-7SB3126 Datasheet
146Kb / 10P
Bus Switch
September, 2010 ??Rev. 1
7SB3126AMX1TCG ONSEMI-7SB3126AMX1TCG Datasheet
146Kb / 10P
Bus Switch
September, 2010 ??Rev. 1
7SB3126BMX1TCG ONSEMI-7SB3126BMX1TCG Datasheet
146Kb / 10P
Bus Switch
September, 2010 ??Rev. 1
7SB3126CMX1TCG ONSEMI-7SB3126CMX1TCG Datasheet
146Kb / 10P
Bus Switch
September, 2010 ??Rev. 1
More results

Similar Description - 7SB3257

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303 Datasheet
55Kb / 3P
2:1 Mux/Demux Bus Switch
PI5C3303 PERICOM-PI5C3303 Datasheet
305Kb / 5P
SOTiny??2:1 Mux/DeMux Bus Switch
PI5C3253 PERICOM-PI5C3253 Datasheet
349Kb / 6P
Dual 4:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309 Datasheet
52Kb / 3P
3:1 Mux/Demux Bus Switch
PI5C3257QE PERICOM-PI5C3257QE Datasheet
694Kb / 6P
Quad 2:1 Mux/DeMux Bus Switch
logo
Unisonic Technologies
US5C3257 UTC-US5C3257 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
US5C3257 UTC-US5C3257_15 Datasheet
139Kb / 6P
QUAD 2:1 MUX/DEMUX BUS SWITCH
logo
ON Semiconductor
NL7SB3257 ONSEMI-NL7SB3257 Datasheet
62Kb / 5P
Mux / Demux Bus Switch
July, 2014 ??Rev. P0
logo
Pericom Semiconductor C...
PI5C3303 PERICOM-PI5C3303_09 Datasheet
415Kb / 5P
SOTiny 2:1 Mux/DeMux Bus Switch
PI5C3309 PERICOM-PI5C3309_12 Datasheet
564Kb / 4P
3:1 Mux/DeMux Bus Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com