Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 10 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 10 Page - Mitel Networks Corporation

Back Button MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation MT8870 Datasheet HTML 10Page - Mitel Networks Corporation MT8870 Datasheet HTML 11Page - Mitel Networks Corporation MT8870 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MT8870D/MT8870D-1 ISO2-CMOS
4-20
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
*NOTES:
1.
Used for guard-time calculation purposes only.
2.
These, user adjustable parameters, are not device specifications. The adjustable settings of these minimums and maximums
are recommendations based upon network requirements.
3.
With valid tone present at input, tPU equals time from PDWN going low until ESt going high.
Figure 10 - Single-Ended Input Configuration
AC Electrical Characteristics - V
DD=5.0V±5%, VSS=0V, -40°C ≤ To ≤ +85°C , using Test Circuit shown in Figure 10.
Characteristics
Sym
Min
Typ
Max
Units
Conditions
1
T
I
M
I
N
G
Tone present detect time
tDP
5
11
14
ms
Note 1
2
Tone absent detect time
tDA
0.5
4
8.5
ms
Note 1
3
Tone duration accept
tREC
40
ms
Note 2
4
Tone duration reject
tREC
20
ms
Note 2
5
Interdigit pause accept
tID
40
ms
Note 2
6
Interdigit pause reject
tDO
20
ms
Note 2
7
O
U
T
P
U
T
S
Propagation delay (St to Q)
tPQ
811
µsTOE=VDD
8
Propagation delay (St to StD)
tPStD
12
16
µsTOE=VDD
9
Output data set up (Q to StD)
tQStD
3.4
µsTOE=VDD
10
Propagation delay (TOE to Q ENABLE)
tPTE
50
ns
load of 10 k
Ω,
50 pF
11
Propagation delay (TOE to Q DISABLE)
tPTD
300
ns
load of 10 k
Ω,
50 pF
12
P
D
W
N
Power-up time
tPU
30
ms
Note 3
13
Power-down time
tPD
20
ms
14
C
L
O
C
K
Crystal/clock frequency
fC
3.5759
3.5795
3.5831
MHz
15
Clock input rise time
tLHCL
110
ns
Ext. clock
16
Clock input fall time
tHLCL
110
ns
Ext. clock
17
Clock input duty cycle
DCCL
40
50
60
%
Ext. clock
18
Capacitive load (OSC2)
CLO
30
pF
IN+
IN-
GS
VRef
INH
PDWN
OSC 1
OSC 2
VSS
TOE
VDD
St/GT
ESt
StD
Q4
Q3
Q2
Q1
DTMF
Input
C1
R1
R2
X-tal
VDD
C2
R3
NOTES:
R1,R2=100KΩ ± 1%
R3=300KΩ ± 1%
C1,C2=100 nF ± 5%
X-tal=3.579545 MHz
± 0.1%
MT8870D/MT8870D-1


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com