Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MT8870 Datasheet HTML 3Page - Mitel Networks Corporation MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation MT8870 Datasheet HTML 10Page - Mitel Networks Corporation MT8870 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ISO2-CMOS
MT8870D/MT8870D-1
4-17
† Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Derate above 75 °C at 16 mW / °C.
All leads soldered to board.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
‡ Typical figures are at 25°C and are for design aid only: not guaranteed and not subject to production testing.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
1
DC Power Supply Voltage
VDD
7V
2
Voltage on any pin
VI
VSS-0.3
VDD+0.3
V
3
Current at any pin (other than supply)
II
10
mA
4
Storage temperature
TSTG
-65
+150
°C
5
Package power dissipation
PD
500
mW
Recommended Operating Conditions - Voltages are with respect to ground (V
SS) unless otherwise stated.
Parameter
Sym
Min
Typ
Max
Units
Test Conditions
1
DC Power Supply Voltage
VDD
4.75
5.0
5.25
V
2
Operating Temperature
TO
-40
+85
°C
3
Crystal/Clock Frequency
fc
3.579545
MHz
4
Crystal/Clock Freq.Tolerance
∆fc
±0.1
%
DC Electrical Characteristics - V
DD=5.0V± 5%, VSS=0V, -40°C ≤ TO ≤ +85°C, unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
S
U
P
P
L
Y
Standby supply current
IDDQ
10
25
µA
PWDN=VDD
2
Operating supply current
IDD
3.0
9.0
mA
3
Power consumption
PO
15
mW
fc=3.579545 MHz
4
I
N
P
U
T
S
High level input
VIH
3.5
V
VDD=5.0V
5
Low level input voltage
VIL
1.5
V
VDD=5.0V
6
Input leakage current
IIH/IIL
0.1
µAVIN=VSS or VDD
7
Pull up (source) current
ISO
7.5
20
µA
TOE (pin 10)=0,
VDD=5.0V
8
Pull down (sink) current
ISI
15
45
µA
INH=5.0V, PWDN=5.0V,
VDD=5.0V
9
Input impedance (IN+, IN-)
RIN
10
M
@ 1 kHz
10
Steering threshold voltage
VTSt
2.2
2.4
2.5
V
VDD = 5.0V
11
O
U
T
P
U
T
S
Low level output voltage
VOL
VSS+0.03
V
No load
12
High level output voltage
VOH
VDD-0.03
V
No load
13
Output low (sink) current
IOL
1.0
2.5
mA
VOUT=0.4 V
14
Output high (source) current
IOH
0.4
0.8
mA
VOUT=4.6 V
15
VRef output voltage
VRef
2.3
2.5
2.7
V
No load, VDD = 5.0V
16
VRef output resistance
ROR
1k


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com