Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT8870 Datasheet HTML 2Page - Mitel Networks Corporation MT8870 Datasheet HTML 3Page - Mitel Networks Corporation MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation MT8870 Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MT8870D/MT8870D-1 ISO2-CMOS
4-16
Applications
RECEIVER SYSTEM FOR BRITISH TELECOM
SPEC POR 1151
The circuit shown in Fig. 9 illustrates the use of
MT8870D-1 device in a typical receiver system. BT
Spec defines the input signals less than -34 dBm as
the non-operate level.
This condition can be
attained by choosing a suitable values of R1 and R2
to provide 3 dB attenuation, such that -34 dBm input
signal will correspond to -37 dBm at the gain setting
pin GS of MT8870D-1. As shown in the diagram, the
component values of R3 and C2 are the guard time
requirements when the total component tolerance is
6%. For better performance, it is recommended to
use the non-symmetric guard time circuit in Fig. 8.
Figure 8 - Non-Symmetric Guard Time Circuit
tGTP=(RPC1)In[VDD/(VDD-VTSt)]
tGTA=(R1C1)In(VDD/VTSt)
RP=(R1R2)/(R1+R2)
VDD
St/GT
ESt
C1
R2
R1
Notes:
R1=368K Ω ± 1%
R2=2.2M Ω ± 1%
C1=100nF ± 5%
Figure 9 - Single-Ended Input Configuration for BT or CEPT Spec
IN+
IN-
GS
VRef
INH
PWDN
OSC 1
OSC 2
VSS
TOE
VDD
St/GT
ESt
StD
Q4
Q3
Q2
Q1
DTMF
Input
C1
R1
R2
X1
VDD
C2
R3
MT8870D-1
NOTES:
R1 = 102KΩ ± 1%
R2 = 71.5KΩ ± 1%
R3 = 390KΩ ±1 %
C1,C2 = 100 nF ± 5%
X1 = 3.579545 MHz ± 0.1%
VDD = 5.0V ± 5%


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com