Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  MT8870 Datasheet HTML 1Page - Mitel Networks Corporation MT8870 Datasheet HTML 2Page - Mitel Networks Corporation MT8870 Datasheet HTML 3Page - Mitel Networks Corporation MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
4-11
®
MT8870D/MT8870D-1
Integrated DTMF Receiver
Features
Complete DTMF Receiver
Low power consumption
Internal gain setting amplifier
Adjustable guard time
Central office quality
Power-down mode
Inhibit mode
Backward compatible with
MT8870C/MT8870C-1
Applications
Receiver system for British Telecom (BT) or
CEPT Spec (MT8870D-1)
Paging systems
Repeater systems/mobile radio
Credit card systems
Remote control
Personal computers
Telephone answering machine
Description
The MT8870D/MT8870D-1 is a complete DTMF
receiver integrating both the bandsplit filter and
digital decoder functions. The filter section uses
switched
capacitor
techniques
for high and low
group filters;
the decoder uses digital counting
techniques to detect and decode all 16 DTMF tone-
pairs into a 4-bit code. External component count is
minimized by on chip provision of a differential input
amplifier, clock oscillator and latched three-state bus
interface.
Ordering Information
MT8870DE/DE-1
18 Pin Plastic DIP
MT8870DC/DC-1
18 Pin Ceramic DIP
MT8870DS/DS-1
18 Pin SOIC
MT8870DN/DN-1
20 Pin SSOP
MT8870DT/DT-1
20 Pin TSSOP
-40 °C to +85 °C
Figure 1 - Functional Block Diagram
PWDN
IN +
IN -
GS
OSC1
OSC2
St/GT
ESt
STD
TOE
Q1
Q2
Q3
Q4
VDD
VSS
VRef
INH
Bias
Circuit
Dial
Tone
Filter
High Group
Filter
Low Group
Filter
Digital
Detection
Algorithm
Code
Converter
and Latch
St
GT
Steering
Logic
Chip
Power
Chip
Bias
VRef
Buffer
Zero Crossing
Detectors
to all
Chip
Clocks
ISSUE 3
May1995
ISO2-CMOS


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com