Electronic Components Datasheet Search |
|
MT8870 Datasheet(PDF) 9 Page - Mitel Networks Corporation |
|
MT8870 Datasheet(HTML) 9 Page - Mitel Networks Corporation |
9 / 12 page ISO2-CMOS MT8870D/MT8870D-1 4-19 ‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing. *NOTES 1. dBm= decibels above or below a reference power of 1 mW into a 600 ohm load. 2. Digit sequence consists of all DTMF tones. 3. Tone duration= 40 ms, tone pause= 40 ms. 4. Signal condition consists of nominal DTMF frequencies. 5. Both tones in composite signal have an equal amplitude. 6. Tone pair is deviated by ±1.5 %± 2 Hz. 7. Bandwidth limited (3 kHz ) Gaussian noise. 8. The precise dial tone frequencies are (350 Hz and 440 Hz) ± 2 %. 9. For an error rate of better than 1 in 10,000. 10. Referenced to lowest level frequency component in DTMF signal. 11. Referenced to the minimum valid accept level. 12. Referenced to Fig. 10 input DTMF tone level at -25dBm (-28dBm at GS Pin) interference frequency range between 480-3400Hz. 13. Guaranteed by design and characterization. MT8870D-1 AC Electrical Characteristics -V DD=5.0V±5%, VSS=0V, -40°C ≤ TO ≤ +85°C , using Test Circuit shown in Figure 10. Characteristics Sym Min Typ‡ Max Units Notes* 1 Valid input signal levels (each tone of composite signal) -31 +1 dBm Tested at VDD=5.0V 1,2,3,5,6,9 21.8 869 mVRMS 2 Input Signal Level Reject -37 dBm Tested at VDD=5.0V 1,2,3,5,6,9 10.9 mVRMS 3 Negative twist accept 8 dB 2,3,6,9,13 4 Positive twist accept 8 dB 2,3,6,9,13 5 Frequency deviation accept ±1.5%± 2 Hz 2,3,5,9 6 Frequency deviation reject ±3.5% 2,3,5,9 7 Third zone tolerance -18.5 dB 2,3,4,5,9,12 8 Noise tolerance -12 dB 2,3,4,5,7,9,10 9 Dial tone tolerance +22 dB 2,3,4,5,8,9,11 |
Similar Part No. - MT8870 |
|
Similar Description - MT8870 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |