Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT8870 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # MT8870
Description  ISO2-CMOS Integrated DTMF Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8870 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button MT8870 Datasheet HTML 4Page - Mitel Networks Corporation MT8870 Datasheet HTML 5Page - Mitel Networks Corporation MT8870 Datasheet HTML 6Page - Mitel Networks Corporation MT8870 Datasheet HTML 7Page - Mitel Networks Corporation MT8870 Datasheet HTML 8Page - Mitel Networks Corporation MT8870 Datasheet HTML 9Page - Mitel Networks Corporation MT8870 Datasheet HTML 10Page - Mitel Networks Corporation MT8870 Datasheet HTML 11Page - Mitel Networks Corporation MT8870 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MT8870D/MT8870D-1 ISO2-CMOS
4-18
‡ Typical figures are at 25 °C and are for design aid only: not guaranteed and not subject to production testing.
*NOTES
1. dBm= decibels above or below a reference power of 1 mW into a 600 ohm load.
2. Digit sequence consists of all DTMF tones.
3. Tone duration= 40 ms, tone pause= 40 ms.
4. Signal condition consists of nominal DTMF frequencies.
5. Both tones in composite signal have an equal amplitude.
6. Tone pair is deviated by ±1.5 %± 2 Hz.
7. Bandwidth limited (3 kHz ) Gaussian noise.
8. The precise dial tone frequencies are (350 Hz and 440 Hz) ± 2 %.
9. For an error rate of better than 1 in 10,000.
10. Referenced to lowest level frequency component in DTMF signal.
11. Referenced to the minimum valid accept level.
12. Guaranteed by design and characterization.
Operating Characteristics - V
DD=5.0V±5%, VSS=0V, -40°C ≤ TO ≤ +85°C ,unless otherwise stated.
Gain Setting Amplifier
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Input leakage current
IIN
100
nA
VSS ≤ VIN ≤ VDD
2
Input resistance
RIN
10
M
3
Input offset voltage
VOS
25
mV
4
Power supply rejection
PSRR
50
dB
1 kHz
5
Common mode rejection
CMRR
40
dB
0.75 V
≤ V
IN ≤ 4.25 V biased
at VRef =2.5 V
6
DC open loop voltage gain
AVOL
32
dB
7
Unity gain bandwidth
fC
0.30
MHz
8
Output voltage swing
VO
4.0
Vpp
Load
≥ 100 kΩ to V
SS @ GS
9
Maximum capacitive load (GS)
CL
100
pF
10
Resistive load (GS)
RL
50
k
11
Common mode range
VCM
2.5
Vpp
No Load
MT8870D AC Electrical Characteristics -V
DD=5.0V ±5%, VSS=0V, -40°C ≤ TO ≤ +85°C , using Test Circuit shown in
Figure 10.
Characteristics
Sym
Min
Typ
Max
Units
Notes*
1
Valid input signal levels (each
tone of composite signal)
-29
+1
dBm
1,2,3,5,6,9
27.5
869
mVRMS
1,2,3,5,6,9
2
Negative twist accept
8
dB
2,3,6,9,12
3
Positive twist accept
8
dB
2,3,6,9,12
4
Frequency deviation accept
±1.5% ± 2 Hz
2,3,5,9
5
Frequency deviation reject
±3.5%
2,3,5,9
6
Third tone tolerance
-16
dB
2,3,4,5,9,10
7
Noise tolerance
-12
dB
2,3,4,5,7,9,10
8
Dial tone tolerance
+22
dB
2,3,4,5,8,9,11


Similar Part No. - MT8870

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MT8872C ETC1-MT8872C Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
MT8872P ETC1-MT8872P Datasheet
247Kb / 2P
   COFDM DEMODULATOR/FEC
More results

Similar Description - MT8870

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
List of Unclassifed Man...
SSI75T201 ETC1-SSI75T201 Datasheet
108Kb / 8P
   INTEGRATED DTMF RECEIVER
logo
UMC Corporation
UM92870 UMC-UM92870 Datasheet
486Kb / 1P
   INTEGRATED DTMF RECEIVER
logo
California Micro Device...
CM88L70 CALMIRCO-CM88L70 Datasheet
472Kb / 8P
   CMOS INTEGRATED DTMF RECEIVER, 3 VOLT VERSION
logo
Mitel Networks Corporat...
MT8880C MITEL-MT8880C Datasheet
312Kb / 18P
   ISO2-CMOS Integrated DTMFTransceiver
MT88L70 MITEL-MT88L70 Datasheet
115Kb / 10P
   3 Volt Integrated DTMF Receiver
logo
California Micro Device...
CM8880 CALMIRCO-CM8880 Datasheet
745Kb / 16P
   CMOS Integrated DTMF Transceiver
CM8888 CALMIRCO-CM8888 Datasheet
322Kb / 13P
   CMOS INTEGRATED DTMF TRANCEIVER
logo
Zarlink Semiconductor I...
MT88L70 ZARLINK-MT88L70 Datasheet
474Kb / 16P
   3 Volt Integrated DTMF Receiver
logo
Mitel Networks Corporat...
MT8960 MITEL-MT8960 Datasheet
324Kb / 22P
   ISO2-CMOS Integrated PCM Filter Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com