Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-106Z Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-106Z
Description  Chassis Mount: Control Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-106Z Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-106Z Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Control Transformer
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
2
13
4
5
6
8
7
D
B
A
C
1
3
2
4
5
7
6
8
F-106Z
Electrical Specifications (@25C)
1. Maximum Power: 24.0 VA
2. Primary:
Series: 230V 50/60 Hz
Parallel: 115V 50/60 Hz
3. Secondary:
Series: 12.0VCT @ 2.0 Amps
Parallel: 6.0VCT @ 4.0 Amps
4. Voltage Regulation: 15 % TYP @ full load to no load
5. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-106Z transformer is part of a series of Triad Control transformers that have secondary
voltages that are commonly utilized in various electronic, electro-magnetic and electrical control
systems. These include such applications as use with relays, solenoids, small motors, speed
changers, pumps, heating elements, control valves for fluid and gases, fans, blowers, electronic
tubes, automatic assembly equipment, recording devices, elevators, door openers, low voltage
lamps, etc.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B (130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between primary and
secondary windings as well as between the primary / secondary windings and the core.
Dimensions:
Units: In inches
A
B
C
D
2.750
3.125
2.00
2.812
Mounting Hole: 0.187”
Weight:
1.50 lb
Schematic:
Primary:
Series: 1 to 4, Jumper 3 to 2
Parallel: 1 to 3, Jumper 1 to 2 and 3 to 4
Secondary:
Series: 5 to 8, Jumper 7 to 6
Parallel: 5 to 7, Jumper 5 to 6 and 7 to 8
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.


Similar Part No. - F-106Z

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-1000U TRIAD-F-1000U Datasheet
219Kb / 3P
   Chassis Mount: Single Secondary
F-1000U TRIAD-F-1000U Datasheet
241Kb / 3P
   ChassisMount SingleSecondary
F-105Z TRIAD-F-105Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
logo
List of Unclassifed Man...
F-107Z ETC2-F-107Z Datasheet
52Kb / 1P
   POWER TRANSFORMER
logo
TRIAD MAGNETICS
F-107Z TRIAD-F-107Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
More results

Similar Description - F-106Z

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-214U TRIAD-F-214U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-211Z TRIAD-F-211Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-212Z TRIAD-F-212Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-107Z TRIAD-F-107Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
F-109U TRIAD-F-109U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-400U TRIAD-F-400U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-399U TRIAD-F-399U Datasheet
42Kb / 1P
   Chassis Mount: Control Transformer
F-108U TRIAD-F-108U Datasheet
49Kb / 1P
   Chassis Mount: Control Transformer
F-213Z TRIAD-F-213Z Datasheet
40Kb / 1P
   Chassis Mount: Control Transformer
F-215U TRIAD-F-215U Datasheet
72Kb / 1P
   Chassis Mount: Control Transformer
F-105Z TRIAD-F-105Z Datasheet
41Kb / 1P
   Chassis Mount: Control Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com