Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5009AH1S Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM5009AH1S
Description  Crystal Oscillator Module ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5009AH1S Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM5009AH1S Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5009AH1S Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
SM5009 series
NIPPON PRECISION CIRCUITS—13
5 V operation: VDD = 4.5 to 5.5 V, VSS = 0 V, Ta = −40 to 85 °C unless otherwise noted.
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr1
Measurement cct 3, load cct 2,
0.1VDD to 0.9VDD
C L = 15 pF
2
4
ns
tr2
C L = 30 pF
3.5
7
tr3
C L = 50 pF
4
8
Output fall time
tf1
Measurement cct 3, load cct 2,
0.9VDD to 0.1VDD
C L = 15 pF
2
4
ns
tf2
C L = 30 pF
3.5
7
tf3
C L = 50 pF
4
8
Output duty cycle1
1. Deter mined by the lot monitor.
Duty
Measurement cct 3, load cct 2, Ta = 25
°C, V DD = 5 V, CL = 50 pF
4 5
5 5
%
Output disable delay time2
2. Oscillator stop function is built-in. When INH goes LOW , normal output stops. W hen INH goes HIGH, nor mal output is not resumed until after the
oscillator start-up time has elapsed.
tPLZ
Measurement cct 6, load cct 2, Ta = 25
°C, V DD = 5 V, CL ≤ 15 pF
100
ns
Output enable delay time2
tPZL
100
ns
Maxim um operating
frequency
fmax
Measurement cct 3
CF5009AL
×
40
MHz
SM5009AL
×S30
Measurement cct 3, Ta = –20 to +80
°C
S M5009AL
×S40


Similar Part No. - SM5009AH1S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5009AL1S NPC-SM5009AL1S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
SM5009AL2S NPC-SM5009AL2S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
SM5009AL3S NPC-SM5009AL3S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
SM5009AL4S NPC-SM5009AL4S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
SM5009AL5S NPC-SM5009AL5S Datasheet
149Kb / 20P
   Crystal Oscillator Module ICs
More results

Similar Description - SM5009AH1S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
   Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
   Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
   Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
   Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
   Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
SM5022 NPC-SM5022 Datasheet
104Kb / 10P
   Crystal Oscillator Module ICs
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
   Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
   Crystal Oscillator Module ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com