Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F-114X Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F-114X
Description  Chassis Mount: Single Secondary
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F-114X Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F-114X_13 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
P O W E R T R A N S F O R M E R
Chassis Mount: Single Secondary
Web: www.TriadMagnetics.com
Phone 951-277-0757
Fax 951-277-2757
460 Harley Knox Blvd.
Perris, California
92571
Publish Date: December 4, 2013
BLK
BLK
GRN
GRN
C
D
B
A
BLK
BLK
GRN
GRN
F-114X
Electrical Specifications (@25C)
1. Maximum Power: 8.4 VA
2. Primary: 115V 60 Hz
3. Secondary: 12.0V @ 0.700 Amps
4. Voltage Regulation: 15 % TYP @ full load to no load
5. Temperature Rise: 35C TYP (45C MAX allowed)
Description:
The F-114X is part of a series which has a long history of reliable service in the
field, made from a proven design and constructed with UL recognized materials.
Construction:
Wound on a single channel nylon bobbin. Materials are UL recognized, Class B
(130º C) rated.
Safety:
These products are 100% hipot tested with an insulation of 1500V between
primary and secondary windings as well as between the primary / secondary
windings and the core.
Dimensions:
Units: In inches
A
B
C
D
1.625
2.812
1.625
2.375
Mounting Hole Diameter: .187 in
Lead length:
7.0 inches + 1 inch
Weight:
0.80 lbs
Schematic:
Primary:
Black to Black
Secondary: Green to Green
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad
Magnetics’ website for the most current version.


Similar Part No. - F-114X_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-114X TRIAD-F-114X Datasheet
241Kb / 3P
ChassisMount SingleSecondary
More results

Similar Description - F-114X_13

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F-46X TRIAD-F-46X_13 Datasheet
114Kb / 1P
Chassis Mount: Single Secondary
F-56X TRIAD-F-56X_13 Datasheet
116Kb / 1P
Chassis Mount: Single Secondary
F-69X TRIAD-F-69X_13 Datasheet
41Kb / 1P
Chassis Mount: Single Secondary
F-70X TRIAD-F-70X_13 Datasheet
115Kb / 1P
Chassis Mount: Single Secondary
F-191U TRIAD-F-191U_13 Datasheet
43Kb / 1P
Chassis Mount: Single Secondary
F-256U TRIAD-F-256U_13 Datasheet
43Kb / 1P
Chassis Mount: Single Secondary
F-259U TRIAD-F-259U_13 Datasheet
43Kb / 1P
Chassis Mount: Single Secondary
F-325X TRIAD-F-325X_13 Datasheet
42Kb / 1P
Chassis Mount: Single Secondary
F-3115X TRIAD-F-3115X_13 Datasheet
118Kb / 1P
Chassis Mount: Single Secondary
F-3181U TRIAD-F-3181U_13 Datasheet
46Kb / 1P
Chassis Mount: Single Secondary
F-272U TRIAD-F-272U_13 Datasheet
43Kb / 1P
Chassis Mount: Single Secondary
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com