Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V20200C Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V20200C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V20200C Datasheet(HTML) 1 Page - Vishay Siliconix

  V20200C_15 Datasheet HTML 1Page - Vishay Siliconix V20200C_15 Datasheet HTML 2Page - Vishay Siliconix V20200C_15 Datasheet HTML 3Page - Vishay Siliconix V20200C_15 Datasheet HTML 4Page - Vishay Siliconix V20200C_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V20200C, VF20200C, VB20200C, VI20200C
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
1
Document Number: 89072
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Dual High Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.60 V at IF = 5 A
FEATURES
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Low thermal resistance
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 245 °C (for TO-263AB package)
• Solder bath temperature 275 °C maximum, 10 s,
per JESD 22-B106 (for TO-220AB, ITO-220AB and
TO-262AA package)
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in high frequency converters, switching power
supplies, freewheeling diodes, OR-ing diode, DC/DC
converters and reverse battery protection.
MECHANICAL DATA
Case:
TO-220AB,
ITO-220AB,
TO-263AB
and
TO-262AA
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked
Mounting Torque: 10 in-lbs max.
PRIMARY CHARACTERISTICS
IF(AV)2 x 10 A
VRRM
200 V
IFSM
120 A
VF at IF = 10 A
0.68 V
TJ max.
150 °C
Package
TO-220AB, ITO-220AB,
TO-263AB, TO-262AA
Diode variations
Common cathode
TO-220AB
1
2
3
1
K
2
3
TO-263AB
1
2
K
TO-262AA
PIN 1
PIN 2
K
HEATSINK
PIN 1
PIN 2
CASE
PIN 3
PIN 1
PIN 2
PIN 3
PIN 1
PIN 2
PIN 3
K
V20200C
VF20200C
VI20200C
VB20200C
TMBS
®
ITO-220AB
1
2
3
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V20200C VF20200C VB20200C VI20200C
UNIT
Max. repetitive peak reverse voltage
VRRM
200
V
Max. average forward rectified current (fig. 1)
per device
IF(AV)
20
A
per diode
10
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load per diode
IFSM
120
A
Non-repetitive avalanche energy at TJ = 25 °C, L = 60 mH 
per diode
EAS
100
mJ
Peak repetitive reverse current at tp = 2 μs, 1 kHz, 
TJ = 38 °C ± 2 °C per diode
IRRM
0.5
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Isolation voltage (ITO-220AB only)
from terminal to heatsink t = 1 min
VAC
1500
V
Operating junction and storage temperature range
TJ, TSTG
- 40 to + 150
°C


Similar Part No. - V20200C_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20200C VISHAY-V20200C_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.60 V at IF = 5 A
Revision: 16-Aug-13
More results

Similar Description - V20200C_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com