Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1305CUTAG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NOA1305CUTAG
Description  Ambient Light Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1305CUTAG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NOA1305CUTAG Datasheet HTML 5Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 6Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 7Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 8Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 9Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 10Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 11Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 12Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NOA1305
http://onsemi.com
10
POWER_CONTROL Register (0x00)
The POWER_CONTROL register is used to power the
device up and down via software control. By default this
device powers up in the power ON mode. To reduce power
consumption, the NOA1305 can be powered down at any
time by writing 0x00 to this register.
To power up the device, use the following write command
sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x00 for the POWER_CONTROL register
address
4. Issue 0x08 to put the device in the power on state
5. Issue Stop command
After applying power to the device or after issuing a
power−on command, stable ALS_DATA and INT signal
may not be available for the first three integration times. For
example with a default of 200 ms integration time, the I2C
master should wait at least 600 ms before accessing this
device.
To power down the device, use the following write
command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x00 for the POWER_CONTROL register
address
4. Issue 0x00 to put the device in the power down
state
5. Issue Stop command
After issuing a power−on command, the I2C master
should wait at least 1.5 ms before accessing this device.
The data registers are set to their default values when
power is first applied to the device. However the
power−down and power−on commands do not affect the
values of the data registers.
The test modes provide a useful debugging mode as they
cause the device to output known values in place of the
ALS_DATA values.
RESET Register (0x01)
Software reset is controlled by this register. Setting this
register followed by an I2C_STOP sequence will
immediately reset the NOA1305 to the startup standby state
and clear the ALS_DATA register. However the values of
the other data registers are not affected.
To reset the device, use the following write command
sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x01 for the RESET register address
4. Issue 0x10 to reset the device
5. Issue Stop command
After issuing a reset command, the device will reset the
RESET register to 0x00.
INTEGRATION_TIME Register (0x02)
The INTEGRATION_TIME register controls the
integration time of the ambient light sensor which directly
affects the sensitivity.
To set the integration time, use the following write
command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x02 for the INTEGRATION_TIME register
address
4. Issue 0x02 to set the integration time to 200 ms
(for example)
5. Issue Stop command
INT_SELECT Register (0x03)
The INT_SELECT register controls the polarity of the
interrupt pin INT and enables or disables interrupts on that
pin.
To specify low to high transitions on INT to signal an
interrupt, use the following write command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x03 for the INT_SELECT register address
4. Issue 0x01 to specify low to high signaling on INT
5. Issue Stop command
To specify low to high transitions on INT to signal an
interrupt, use the following write command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x03 for the INT_SELECT register address
4. Issue 0x02 to specify high to low signaling on INT
5. Issue Stop command
Disabling interrupts causes the INT pin to be held in the
open−drain or high state. To disable interrupts completely on
the INT pin, use the following write command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x03 for the INT_SELECT register address
4. Issue 0x03 to disable interrupts on INT
5. Issue Stop command
INT_THRESH_LSB and INT_THRES_MSB Registers
(0x04, 0x05)
The INT_THRESH register specifies an ambient light
threshold value for signaling interrupts on the INT pin. The
INT_THRESH register is 16−bits wide to match the 16−bit
ALS_DATA register and is accessed over the I2C bus as two
8−bit registers for the least and most significant bits (LSB
and MSB). On any measurement cycle where the
ALS_DATA intensity count exceeds the INT_THRESH
value, the INT pin will become active and will remain active
until a measurement cycle where the count is less than or


Similar Part No. - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
More results

Similar Description - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com