Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1305CUTAG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NOA1305CUTAG
Description  Ambient Light Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1305CUTAG Datasheet(HTML) 1 Page - ON Semiconductor

  NOA1305CUTAG Datasheet HTML 1Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 2Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 3Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 4Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 5Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 6Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 7Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 8Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 0
1
Publication Order Number:
NOA1305/D
NOA1305
Ambient Light Sensor with
I2C Interface and Dark
Current Compensation
Description
The NOA1305 ambient light sensor (ALS) is designed for handheld
applications and integrates a 16−bit ADC, a 2−wire I2C digital
interface, internal clock oscillator and a power down mode. The built
in dynamic dark current compensation and precision calibration
capability coupled with excellent IR and 50/60 Hz flicker rejection
enables highly accurate measurements from very low light levels to
full sunlight. The device can support simple count equals lux readings
in interrupt−driven or polling modes. The NOA1305 employs proprietary
CMOS image sensing technology from ON Semiconductor to provide
large signal to noise ratio (SNR) and wide dynamic range (DR) over
the entire operating temperature range. The optical filter used with this
chip provides a light response similar to that of the human eye.
Features
Senses Ambient Light and Provides an Output Count Proportional to
the Ambient Light Intensity
Photopic Spectral Response
Dynamic Dark Current Compensation
IR Rejection Eliminates Need for Additional IR Photodiode
Less than 120 mA Active Power Consumption in Normal Operation
Less than 2 mA Power Dissipation in Power Down Mode
Interrupt Signal Notifies Host of Significant Intensity Changes
Wide Operating Voltage Range (2.4 V to 3.6 V)
Wide Operating Temperature Range (−40°C to 85°C)
Linear Response Over the Full Operating Range
Senses Intensity of Ambient Light from 0.165 Lux to Over 100K Lux
8 Selectable Integration Times Ranging from 6.25 ms to 800 ms
No External Components Required
Built−in 16−bit ADC
I2C Serial Communication Port Supports Standard and Fast Modes
Metal Mask Programmable I2C Slave Address Option Available
These Devices are Pb−Free and are RoHS Compliant
Applications
Saves Display Power In Applications Such As:
Cell Phones, PDAs, MP3 Players, GPS
Cameras, Video Recorders
Mobile Devices with Displays or Backlit Keypads
CUDFN6
CU SUFFIX
CASE 505AD
http://onsemi.com
1
2
3
6
5
4
VDD
INT
SDA
VSS
NC
SCL
(Top View)
PIN ASSIGNMENT
Device
Package
Shipping
ORDERING INFORMATION
NOA1305CUTAG
CUDFN6
(Pb−Free)
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Temperature Range
−40°C to 85°C


Similar Part No. - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
More results

Similar Description - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com