Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1305CUTAG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NOA1305CUTAG
Description  Ambient Light Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1305CUTAG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NOA1305CUTAG Datasheet HTML 3Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 4Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 5Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 6Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 7Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 8Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 9Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 10Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NOA1305
http://onsemi.com
7
DESCRIPTION OF OPERATION
Ambient Light Sensor Architecture
The NOA1305 employs a sensitive photo diode fabricated
in ON Semiconductor’s standard CMOS process
technology. The major components of this sensor are as
shown in Figure 2. The photons which are to be detected pass
through an ON Semiconductor proprietary color filter
limiting extraneous photons and thus performing as a band
pass filter on the incident wave front. The filter only
transmits photons in the visible spectrum which are
primarily detected by the human eye. The photo response of
this sensor is as shown in Figure 5.
The ambient light signal detected by the photo diode is
converted to digital signal using a variable slope integrating
ADC with a resolution of 16−bits, unsigned. The ADC value
is provided to the control block connected to the I2C
interface block.
Equation 1 shows the relationship of output counts Cnt as
a function of integration constant Ik, integration time Tint (in
seconds) and the intensity of the ambient light, IL(in lux), at
room temperature (25
°C).
IL + Cnt (Ik Tint )
(eq. 1)
Where:
Ik ≈ 7.7 (for White LED Source)
For example let:
Cnt = 1000
Tint = 200 mS
Intensity of ambient light, IL(in lux):
IL + 1000 (7.7 200 mS )
(eq. 2)
IL = 649 lux
Modes of Operation
The NOA1305 can be placed in any of the following
modes of operation by programming registers over the I2C
bus:
1. Interrupt driven mode
2. Polling mode
3. Power−down mode
In the interrupt driven mode, once the NOA1305 is
configured, no I2C activity is necessary until the ambient
light intensity goes above the value programmed in the
interrupt threshold register. When this occurs, the device
signals an interrupt on the INT pin. Then it is up to the I2C
master host to read the ALS count from the device.
In polling mode, interrupts are typically disabled, but the
NOA1305 continuously takes measurements and the I2C
master host reads out the most recent count whenever it
desires to do so, typically in a timed repeat loop.
In power−down mode, the NOA1305 stops taking
ambient light measurements and powers down most of the
internal circuitry and the INT pin is deactivated. Power is
maintained to preserve the register values (static memory)
and a portion of the I2C remains active to monitor for a
power−on command to the NOA1305.
I2C Interface
The NOA1305 acts as an I2C slave device and supports
single register read and write operations, in addition to block
read and block write operations. All data transactions on the
bus are 8 bits long. Each data byte transmitted is followed by
an acknowledge bit. Data is transmitted with the MSB first.
Figure 16 shows an I2C write operation. Write transactions
begin with the master sending an I2C start sequence
followed by the seven bit slave address (NOA1305 = 0x39)
and the write(0) command bit. The NOA1305 will
acknowledge this byte transfer with an appropriate ACK.
Next the master will send the 8 bit register address to be
written to. Again the NOA1305 will acknowledge reception
with an ACK. Finally, the master will begin sending 8 bit
data segment(s) to be written to the NOA1305 register bank.
The NOA1305 will send an ACK after each byte and
increment the address pointer by one in preparation for the
next transfer. Write transactions are terminated with either
an I2C STOP or with another I I2C START (repeated
START).
78
8
A[6:0]
D[7:0]
D[7:0]
WRITE ACK
ACK
ACK
Device
Address
Register
Address
Register
Data
Start
Condition
Stop
Condition
011 1001 0
0
00000000
0000 0110 00
0x72
Figure 16. I2C Write Command


Similar Part No. - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
More results

Similar Description - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com