Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1305CUTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOA1305CUTAG
Description  Ambient Light Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1305CUTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NOA1305CUTAG Datasheet HTML 1Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 2Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 3Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 4Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 5Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 6Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 7Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 8Page - ON Semiconductor NOA1305CUTAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NOA1305
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 4. Spectral Response
Figure 5. Illumination Response to Various
Light Sources
WAVELENGTH (nm)
900
800
700
600
500
400
300
200
0
0.1
0.3
0.4
0.6
0.7
0.9
1.0
Figure 6. Output Counts vs. Ev
Figure 7. Output Counts vs. Temperature
(100 lux)
Ev (lux)
TEMPERATURE (°C)
1200
1000
800
600
400
200
0
0
400
800
1200
1600
2000
60
40
20
0
−20
−40
−60
0
0.2
0.4
0.6
0.8
1.0
1.2
Figure 8. Output Counts vs. Angle
(End View, Normalized)
Figure 9. Output Counts vs. Angle
(Side View, Normalized)
Incandescent
(2850K)
Fluorescent
(2700K)
White LED
(5600K)
Fluorescent
(5000K)
RATIO
2.0
1.5
1.0
0.5
0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
10 20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
Q
END VIEW
1
2
3
6
5
4
TOP VIEW
−90o
90o
0.0
0.2
0.4
0.6
0.8
1.0
0 10 20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
−170
−160
−150
−140
−130
−120
−110
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
Q
SIDE VIEW
TOP VIEW
−90o
90o
White LED (5600K)
80
100
VDD = 3.3 V
1000
0.2
0.5
0.8
ALS
Human Eye


Similar Part No. - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
More results

Similar Description - NOA1305CUTAG

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com