Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV887740D1R2G Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCV887740D1R2G
Description  Automotive Grade Start-Stop Non-Synchronous Boost Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV887740D1R2G Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCV887740D1R2G Datasheet HTML 7Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 8Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 9Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 10Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 11Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 12Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 13Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 14Page - ON Semiconductor NCV887740D1R2G Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
NCV8877
www.onsemi.com
12
Rds(on)
Vd
L
Ri
COUT
VOUT
C1
R2
VIN
rL
rCf
C2
ROUT
GND
ISNS
VOUT
GDRV
VC
VCTRL
OTA
RESD
R1
RLOW
R0
VREF
Figure 16. NCV8877 OTA and Compensation
A worksheet as well as a SPICE model which may be used
for selecting compensation components R2, C1, C2 is
available
at
the
ON
Semiconductor
web
site
(http://onsemi.com/PowerSolutions/product.do?id=NCV8
877). The following equations may be used to analyze the
Figure 1
0 boost converter. Required input design parameters
for analysis are:
Vd = Boost diode Vf (V)
VIN = Boost supply input voltage (V)
Ri = Current sense resistor (
W)
RDS(on) = MOSFET RDS(on) (
W)
COUT = Bulk output capacitor value (F)
Rsw_eq = RDS(on) + Ri, for the boost continuous
conduction mode (CCM) expressions
rCF = Bulk output capacitor ESR (
W)
ROUT = Equivalent resistance of output load (
W)
Pout = Output Power (W)
L = Boost inductor value (H)
rL = Boost inductor ESR (
W)
Ts = 1/fs, where fs = clock frequency (Hz)
VOUT = Device specific output voltage (e.g. 6.8 V
for NCV887701) (V)
Vref = OTA internal voltage reference = 1.2 V
R0 = OTA output resistance = 3 MW
Sa = IC slope compensation (e.g. 53 mV/
ms for
NCV887701)
gm = OTA transconductance = 1.2 mS
D = Controller duty ratio
D’ = 1 − D


Similar Part No. - NCV887740D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV887740D1R2G ONSEMI-NCV887740D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV887740D1R2G ONSEMI-NCV887740D1R2G Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
More results

Similar Description - NCV887740D1R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8876 ONSEMI-NCV8876 Datasheet
148Kb / 11P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
June, 2013 ??Rev. 1
NCV8877 ONSEMI-NCV8877_17 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
April, 2017 ??Rev. 9
NCV8878 ONSEMI-NCV8878_16 Datasheet
208Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 2
NCV8876 ONSEMI-NCV8876_16 Datasheet
212Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
NCV8878 ONSEMI-NCV8878 Datasheet
126Kb / 15P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
October, 2015 ??Rev. 1
NCV8877 ONSEMI-NCV8877_16 Datasheet
131Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
September, 2016 ??Rev. 7
NCV8877 ONSEMI-NCV8877_V01 Datasheet
257Kb / 17P
   Automotive Grade Start-Stop Non-Synchronous Boost Controller
November, 2021 ??Rev. 11
NCV8870 ONSEMI-NCV8870_16 Datasheet
239Kb / 15P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 10
NCV887200 ONSEMI-NCV887200 Datasheet
145Kb / 16P
   Automotive Grade Non-Synchronous Boost Controller
June, 2015 ??Rev. 7
NCV8871 ONSEMI-NCV8871_16 Datasheet
242Kb / 17P
   Automotive Grade Non-Synchronous Boost Controller
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com