Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4016 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # XL4016
Description  8A 180KHz 40V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL4016 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  XL4016 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Datasheet
8A 180KHz 40V Buck DC to DC Converter
XL4016
Rev 1.2
www.xlsemi.com
5
XL4016 Electrical Characteristics
Ta = 25℃;unless otherwise specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max. Unit
System parameters test circuit figure4
VFB
Feedback
Voltage
Vin = 8V to 40V, Vout=5V
Iload=0.5A to 8A
1.225
1.25
1.275
V
Efficiency
ŋ
Vin=12V ,Vout=5V
Iout=6A
-
87
-
%
Efficiency
ŋ
Vin=24V ,Vout=12V
Iout=6A
-
93
-
%
Electrical Characteristics (DC Parameters)
Vin = 12V, GND=0V, Vin & GND parallel connect a 470uf/50V capacitor; Iout=500mA, Ta =
25℃; the others floating unless otherwise specified.
Parameters
Symbol
Test Condition
Min. Typ.
Max.
Unit
Input operation voltage
Vin
8
40
V
Quiescent Supply Current
Iq
VFB =Vin
2.1
5
mA
Oscillator Frequency
Fosc
144
180
216
KHz
Output Short Frequency
Fosp
48
KHz
Switch Current Limit
IL
VFB =0
10
A
Max. Duty Cycle
DMAX
VFB=0V
100
%
Output Power PMOS
Rdson
VFB=0V, Vin=12V,
ISW=8A
40
50
mohm
Vin Over Voltage Protection
OVP
45
V


Similar Part No. - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
XL4016E1 XLSEMI-XL4016E1 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
More results

Similar Description - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com