Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4016 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XL4016
Description  8A 180KHz 40V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL4016 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XL4016 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Datasheet
8A 180KHz 40V Buck DC to DC Converter
XL4016
Rev 1.2
www.xlsemi.com
3
Function Block
Figure3. Function Block Diagram of XL4016
Typical Application Circuit
Figure4. XL4016 Typical Application Circuit (VIN=8V~40V, VOUT=5V/8A)


Similar Part No. - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
XL4016E1 XLSEMI-XL4016E1 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
More results

Similar Description - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com