Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL4016 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # XL4016
Description  8A 180KHz 40V Buck DC to DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL4016 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  XL4016 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL4016 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Datasheet
8A 180KHz 40V Buck DC to DC Converter
XL4016
Rev 1.2
www.xlsemi.com
2
Pin Configurations
Figure2. Pin Configuration of XL4016 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor
ground path to prevent switching current spikes from inducing
voltage noise into XL4016.
2
FB
Feedback Pin (FB). Through an external resistor divider
network, FB senses the output voltage and regulates it. The
feedback threshold voltage is 1.25V.
3
SW
Power Switch Output Pin (SW). SW is the switch node that
supplies power to the output.
4
VC
Internal Voltage Regulator Bypass Capacity. In typical system
application, The VC pin connect a 1uf capacity to VIN.
5
VIN
Supply Voltage Input Pin. XL4016 operates from a 8V to 40V
DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.


Similar Part No. - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
XL4016E1 XLSEMI-XL4016E1 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
More results

Similar Description - XL4016

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL4016 XLSEMI-XL4016 Datasheet
250Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105B HMSEMI-HM3105B Datasheet
581Kb / 10P
   8A 180KHz 40V Buck DC to DC Converter
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
HM3107 HMSEMI-HM3107 Datasheet
666Kb / 10P
   1.2A 180KHz 70V Buck DC to DC Converter HM3107
logo
List of Unclassifed Man...
XL1509 ETC2-XL1509 Datasheet
276Kb / 13P
   2A 150KHz 40V Buck DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com