Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XL2009E1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # XL2009E1
Description  3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

XL2009E1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  XL2009E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers XL2009E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet
3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
XL2009
Rev 1.1
www.xlsemi.com
8
Schottky Diode Selection Table
Current Surface
Mount
Through
Hole
VR (The same as system maximum input voltage)
20V
30V
40V
50V
60V
1A
1N5817
1N5818
1N5819
1N5820
1N5821
1N5822
MBR320
MBR330
MBR340 MBR350
MBR360
SK32
SK33
SK34
SK35
SK36
30WQ03
30WQ04 30WQ05
31DQ03
31DQ04
31DQ05
3A
SR302
SR303
SR304
SR305
SR306


Similar Part No. - XL2009E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2009E1 XLSEMI-XL2009E1 Datasheet
183Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
More results

Similar Description - XL2009E1

ManufacturerPart #DatasheetDescription
logo
XLSEMI
XL2009 XLSEMI-XL2009 Datasheet
183Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
Shenzhen Huazhimei Semi...
HM3109 HMSEMI-HM3109 Datasheet
562Kb / 9P
   3A 180KHz 36V Buck DC to DC Converter With CV/CC Loop HM3109
HM3108 HMSEMI-HM3108 Datasheet
651Kb / 9P
   3.5A 180KHz 36V Buck DC to DC Converter With CV/CC Loop
logo
XLSEMI
XL4013 XLSEMI-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3105 HMSEMI-HM3105 Datasheet
474Kb / 9P
   5A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4015 XLSEMI-XL4015 Datasheet
254Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
List of Unclassifed Man...
XL4013 ETC2-XL4013 Datasheet
338Kb / 10P
   4A 180KHz 36V Buck DC to DC Converter
XL4015 ETC2-XL4015 Datasheet
241Kb / 10P
   5A 180KHz 36V Buck DC to DC Converter
logo
Shenzhen Huazhimei Semi...
HM3103 HMSEMI-HM3103 Datasheet
503Kb / 9P
   4A 180KHz 36V Buck DC to DC Converter
logo
XLSEMI
XL4301 XLSEMI-XL4301 Datasheet
230Kb / 10P
   3A 180KHz 45V Buck DC/DC Converter With Constant Current Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com