Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A9262-A-000 Datasheet(PDF) 2 Page - AMIC Technology

Part # A9262-A-000
Description  13.56MHz RFID Reader Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A9262-A-000 Datasheet(HTML) 2 Page - AMIC Technology

  A9262-A-000 Datasheet HTML 1Page - AMIC Technology A9262-A-000 Datasheet HTML 2Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A9262-A-000
13.56MHz RFID Reader Module
Rev 1.2
100318-1.2
System Specification
Standard
ISO 15693 full function and ISO 14443A UID only
Operating Frequency
13.56MHz
Operating Temperature
0°C to +60°C
System Interface type
RS-232
Reader Module Cable Header
1.50mm wire to board header SMD 90
 type
(connector pins are perpendicular to PCB surface)
Host Communication Baud Rate
115200 bps
Buzzer
Optional
Power Source
+5.0V DC
 10%
Antenna
Built-in
Dimensions
Not to exceed 50.5 x 34.0 x 9.0mm (L x W x H)
Host Connector Pin Definition
Pin Number
Description
1
RX
RS-232 RX
2
TX
RS-232 TX
3
IO1
Reserved
4
IO2
Reserved
5
VDD
+5 Voltage Input
6
GND
Ground
AMIC Technology Corporation.
Fax: +886-3-567-9977
No. 2, Li-Shin 6 Road, SBIP, Hsinchu 300, Taiwan, ROC
Tel: +886-3-567-9966


Similar Part No. - A9262-A-000

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
13.56MHz ISO15693 Reader Module
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
13.56MHz ISO15693 Reader Module
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
Tyco Electronics
A92664-000 MACOM-A92664-000 Datasheet
1Mb / 42P
RAYCHEM Tubing Products
logo
TOKO, Inc
A926AY-100M TOKO-A926AY-100M Datasheet
95Kb / 1P
Fixed Inductors for Surface Mounting
More results

Similar Description - A9262-A-000

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A92A0 AMICC-A92A0 Datasheet
118Kb / 3P
13.56MHz Industrial RFID Reader
A9260-A-070 AMICC-A9260-A-070 Datasheet
87Kb / 2P
13.56MHz ISO15693 Reader Module
A9260-A-020 AMICC-A9260-A-020 Datasheet
166Kb / 2P
13.56MHz ISO15693 Reader Module
A9261-A-000 AMICC-A9261-A-000 Datasheet
83Kb / 2P
13.56MHz ISO-14443A Reader Module
logo
WJ Communication. Inc.
WJR7000 WJCI-WJR7000 Datasheet
224Kb / 4P
UHF RFID reader module
logo
List of Unclassifed Man...
TRH031M ETC1-TRH031M Datasheet
1Mb / 73P
13.56MHz Multi-protocol RFID Reader chip, 3.3V operation voltage
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
logo
AMIC Technology
A9290-A-0C AMICC-A9290-A-0C Datasheet
94Kb / 1P
13.56MHz RFID Antenna
logo
Holtek Semiconductor In...
HT672A HOLTEK-HT672A_07 Datasheet
120Kb / 8P
13.56MHz RFID Transponder
HT672B HOLTEK-HT672B Datasheet
131Kb / 8P
13.56MHz RFID Transponder
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com