Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2843B-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Part # TL2843B-Q1
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2843B-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL2843B-Q1_15 Datasheet HTML 8Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 9Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 10Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 11Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 12Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 13Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 14Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 15Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
330
1 k
500
To Current-Sense
Resistor
Shutdown
Shutdown
COMP
VREF
ISENSE
RT
0.1
µF
CT
R1
R2
ISENSE
RSENSE
C
VREF
RT/CT
ISENSE
TL2843B-Q1
SLVSAE2A
– JULY 2010 – REVISED FEBRUARY 2012
www.ti.com
Shutdown Technique
The PWM controller (see Figure 5) can be shut down by two methods: either raise the voltage at ISENSE above
1 V or pull the COMP terminal below a voltage two diode drops above ground. Either method causes the output
of the PWM comparator to be high (see the Functional Block Diagram). The PWM latch is reset dominant so that
the output remains low until the next clock cycle after the shutdown condition at the COMP or ISENSE terminal is
removed. In one example, an externally latched shutdown can be accomplished by adding an SCR that resets by
cycling VCC below the lower UVLO threshold. At this point, the reference turns off, allowing the SCR to reset.
Figure 5. Shutdown Techniques
A fraction of the oscillator ramp can be summed resistively with the current-sense signal to provide slope
compensation for converters requiring duty cycles over 50% (see Figure 6). Note that capacitor C forms a filter
with R2 to suppress the leading-edge switch spikes.
Figure 6. Slope Compensation
12
Submit Documentation Feedback
Copyright
© 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TL2843B-Q1


Similar Part No. - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
284Kb / 16P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
729Kb / 24P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com