Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2843B-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TL2843B-Q1
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2843B-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL2843B-Q1_15 Datasheet HTML 7Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 8Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 9Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 10Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 11Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 12Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 13Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 14Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TIMING RESISTANCE
vs
FREQUENCY
100
1k
10k
100k
1M
f − Frequency − Hz
100
40
10
4
1
VCC = 15 V
TA = 25°C
CT = 22 nF
CT = 47 nF
CT = 100 nF
CT = 10 nF
CT = 4.7 nF
CT = 2.2 nF
CT = 1 nF
DEAD TIME
vs
TIMING CAPACITANCE
100
40
10
4
1
CT − Timing Capacitance − nF
100
40
10
4
1
0.4
0.1
VCC = 15 V
RT ≥ 5 kΩ
TA = 25°C
2N2222
4.7 k
1-k
Error Amplifier Adjust
4.7 k
5 k
ISENSE
Adjust
RT
100 k
VCC
0.1
µF
0.1
µF
REF
VCC
OUTPUT
GND
1 k
Ω, 1 W
A
CT
TL284xB
TL384xB
ISENSE
VREF
RT/CT
VFB
COMP
OUTPUT
GND
TL2843B-Q1
www.ti.com
SLVSAE2A
– JULY 2010 – REVISED FEBRUARY 2012
Open-Loop Laboratory Test Fixture
In the open-loop laboratory test fixture (see Figure 4), high peak currents associated with loads necessitate
careful grounding techniques. Timing and bypass capacitors should be connected close to the GND terminal in a
single-point ground. The transistor and 5-k
Ω potentiometer sample the oscillator waveform and apply an
adjustable ramp to the ISENSE terminal.
Figure 4. Open-Loop Laboratory Test Fixture
Copyright
© 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TL2843B-Q1


Similar Part No. - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
284Kb / 16P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
729Kb / 24P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com