Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2843B-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL2843B-Q1
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2843B-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  TL2843B-Q1_15 Datasheet HTML 1Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 2Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 3Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 4Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 5Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 6Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 7Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 8Page - Texas Instruments TL2843B-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TL2843B-Q1
www.ti.com
SLVSAE2A
– JULY 2010 – REVISED FEBRUARY 2012
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
Check for Samples: TL2843B-Q1
1
FEATURES
Qualified for Automotive Applications
Low Start-Up Current (
<0.5 mA)
Trimmed Oscillator Discharge Current
Current Mode Operation to 500 kHz
Automatic Feed-Forward Compensation
Latching PWM for Cycle-by-Cycle Current
Limiting
Internally Trimmed Reference With
Undervoltage Lockout
High-Current Totem-Pole Output Undervoltage
Lockout With Hysteresis
Double-Pulse Suppression
DESCRIPTION
The TL284xB series of control integrated circuits provide the features that are necessary to implement off-line or
dc-to-dc fixed-frequency current-mode control schemes, with a minimum number of external components.
Internally implemented circuits include an undervoltage lockout (UVLO) and a precision reference that is trimmed
for accuracy at the error amplifier input. Other internal circuits include logic to ensure latched operation, a
pulse-width modulation (PWM) comparator that also provides current-limit control, and a totem-pole output stage
designed to source or sink high-peak current. The output stage, suitable for driving N-channel MOSFETs, is low
when it is in the off state.
The TL284xB series are pin compatible with the standard TL284x with the following improvements. The start-up
current is specified to be 0.5 mA (max), while the oscillator discharge current is trimmed to 8.3 mA (typ). In
addition, during undervoltage lockout conditions, the output has a maximum saturation voltage of 1.2 V while
sinking 10 mA (VCC = 5 V).
Major differences between members of these series are the UVLO thresholds and maximum duty-cycle ranges.
Typical UVLO thresholds of 16 V (on) and 10 V (off) on the TL2842B and TL2844B devices make them ideally
suited to off-line applications. The corresponding typical thresholds for the TL2843B and TL2845B devices are
8.4 V (on) and 7.6 V (off). The TL2842B and TL2843B devices can operate to duty cycles approaching 100%. A
duty-cycle range of 0% to 50% is obtained by the TL2844B and TL2845B by the addition of an internal toggle
flip-flop, which blanks the output off every other clock cycle.The TL284xB-series devices are characterized for
operation from
–40°C to 125°C.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TL2842BQDRQ1
Product Preview
TL2843BQDRQ1
TL2843BQ
–40°C to 125°C
SOIC
– D
Reel of 2500
TL2844BQDRQ1
Product Preview
TL2845BQDRQ1
Product Preview
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
284Kb / 16P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLER
TL2843B-Q1 TI1-TL2843B-Q1 Datasheet
729Kb / 24P
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2843B-Q1_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC2842B STMICROELECTRONICS-UC2842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3842B STMICROELECTRONICS-UC3842B Datasheet
135Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC2842A STMICROELECTRONICS-UC2842A Datasheet
167Kb / 16P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3844BD1013TR STMICROELECTRONICS-UC3844BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
UC3845BD1013TR STMICROELECTRONICS-UC3845BD1013TR Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
E-UC3843BD1 STMICROELECTRONICS-E-UC3843BD1 Datasheet
239Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Holtek Semiconductor In...
HT7A3942 HOLTEK-HT7A3942 Datasheet
1Mb / 11P
High Performance Current Mode PWM Controller
logo
Semtech Corporation
SC4809A SEMTECH-SC4809A_16 Datasheet
321Kb / 16P
High Performance Current Mode PWM Controller
logo
STMicroelectronics
UC3844T STMICROELECTRONICS-UC3844T Datasheet
228Kb / 15P
HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
List of Unclassifed Man...
M5576 ETC-M5576 Datasheet
686Kb / 10P
High performance current mode PWM controller
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com