Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4125 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4125
Description  Precision Micropower Low Dropout Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4125 Datasheet(HTML) 1 Page - Texas Instruments

  LM4125_15 Datasheet HTML 1Page - Texas Instruments LM4125_15 Datasheet HTML 2Page - Texas Instruments LM4125_15 Datasheet HTML 3Page - Texas Instruments LM4125_15 Datasheet HTML 4Page - Texas Instruments LM4125_15 Datasheet HTML 5Page - Texas Instruments LM4125_15 Datasheet HTML 6Page - Texas Instruments LM4125_15 Datasheet HTML 7Page - Texas Instruments LM4125_15 Datasheet HTML 8Page - Texas Instruments LM4125_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4125
www.ti.com
SNVS238A – MAY 2004 – REVISED APRIL 2013
LM4125 Precision Micropower Low Dropout Voltage Reference
Check for Samples: LM4125
1
FEATURES
DESCRIPTION
The LM4125 is a precision low power low dropout
2
Small SOT23-5 Package
bandgap voltage reference with up to 5 mA output
Low Dropout Voltage: 120 mV Typ @ 1 mA
current source and sink capability.
High Output Voltage Accuracy: 0.2%
This series reference operates with input voltages as
Source and Sink Current Output: ±5 mA
low as 2V and up to 6V consuming 160 µA (Typ.)
Supply Current: 160
μA Typ.
supply current. In power down mode, device current
drops to less than 2
μA.
Low Temperature Coefficient: 50 ppm/°C
The LM4125 comes in two grades (A and Standard)
Fixed Output Voltages: 2.048, 2.5,and 4.096
and three voltage options for greater flexibility. The
Industrial Temperature Range:
−40°C to +85°C
best grade devices (A) have an initial accuracy of
(For Extended Temperature Range,
−40°C to
0.2%, while the standard have an initial accuracy of
125°C, Contact TI)
0.5%, both with a tempco of 50ppm/°C ensured from
−40°C to +125°C.
APPLICATIONS
The very low dropout voltage, low supply current and
Portable, Battery Powered Equipment
power-down capability of the LM4125 makes this
product an ideal choice for battery powered and
Instrumentation and Process Control
portable applications.
Automotive & Industrial
The device performance is ensured over the industrial
Test Equipment
temperature range (
−40°C to +85°C), while certain
Data Acquisition Systems
specs are ensured over the extended temperature
Precision Regulators
range (
−40°C to +125°C). Please contact TI for full
specifications over the extended temperature range.
Battery Chargers
The LM4125 is available in a standard 5-pin SOT-23
Base Stations
package.
Communications
Medical Equipment
Connection Diagram
Figure 1. 5-Pin SOT-23 Surface Mount Package
See Package Number DBV
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4125_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4125_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com