Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4125 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4125
Description  Precision Micropower Low Dropout Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4125 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4125_15 Datasheet HTML 4Page - Texas Instruments LM4125_15 Datasheet HTML 5Page - Texas Instruments LM4125_15 Datasheet HTML 6Page - Texas Instruments LM4125_15 Datasheet HTML 7Page - Texas Instruments LM4125_15 Datasheet HTML 8Page - Texas Instruments LM4125_15 Datasheet HTML 9Page - Texas Instruments LM4125_15 Datasheet HTML 10Page - Texas Instruments LM4125_15 Datasheet HTML 11Page - Texas Instruments LM4125_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LM4125
SNVS238A – MAY 2004 – REVISED APRIL 2013
www.ti.com
PIN FUNCTIONS
Output (Pin 5): Reference Output.
Input (Pin 4): Positive Supply.
Ground (Pin 2): Negative Supply or Ground Connection.
APPLICATION HINTS
The standard application circuit for the LM4125 is shown in Figure 19. It is designed to be stable with ceramic
output capacitors in the range of 0.022µF to 0.1µF. Note that 0.022µF is the minimum required output capacitor.
These capacitors typically have an ESR of about 0.1 to 0.5
Ω. Smaller ESR can be tolerated, however larger ESR
can not. The output capacitor can be increased to improve load transient response, up to about 1µF. However,
values above 0.047µF must be tantalum. With tantalum capacitors, in the 1µF range, a small capacitor between
the output and the reference pin is required. This capacitor will typically be in the 50pF range. Care must be
taken when using output capacitors of 1µF or larger. These application must be thoroughly tested over
temperature, line and load.
An input capacitor is typically not required. However, a 0.1µF ceramic can be used to help prevent line transients
from entering the LM4125. Larger input capacitors should be tantalum or aluminum.
The typical thermal hysteresis specification is defined as the change in +25°C voltage measured after thermal
cycling. The device is thermal cycled to temperature -40°C and then measured at 25°C. Next the device is
thermal cycled to temperature +125°C and again measured at 25°C. The resulting VOUT delta shift between the
25°C measurements is thermal hysteresis. Thermal hysteresis is common in precision references and is induced
by thermal-mechanical package stress. Changes in environmental storage temperature, operating temperature
and board mounting temperature are all factors that can contribute to thermal hysteresis.
Figure 19. Standard Application Circuit
INPUT CAPACITOR
Noise on the power-supply input can effect the output noise, but can be reduced by using an optional bypass
capacitor between the input pin and the ground.
PRINTED CIRCUIT BOARD LAYOUT CONSIDERATION
The mechanical stress due to PC board mounting can cause the output voltage to shift from its initial value.
References in SOT packages are generally less prone to assembly stress than devices in Small Outline (SOIC)
package.
To reduce the stress-related output voltage shifts, mount the reference on the low flex areas of the PC board
such as near to the edge or the corner of the PC board.
8
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4125


Similar Part No. - LM4125_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4125_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
LM4121 Precision Micropower Low Dropout Voltage Reference
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com