Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4121 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 3 Page - Texas Instruments

  LM4121_15 Datasheet HTML 1Page - Texas Instruments LM4121_15 Datasheet HTML 2Page - Texas Instruments LM4121_15 Datasheet HTML 3Page - Texas Instruments LM4121_15 Datasheet HTML 4Page - Texas Instruments LM4121_15 Datasheet HTML 5Page - Texas Instruments LM4121_15 Datasheet HTML 6Page - Texas Instruments LM4121_15 Datasheet HTML 7Page - Texas Instruments LM4121_15 Datasheet HTML 8Page - Texas Instruments LM4121_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM4121
www.ti.com
SNVS073C – APRIL 2000 – REVISED APRIL 2013
Operating Range
(1)
Storage Temperature Range
−65°C to +150°C
Ambient Temperature Range
−40°C to +85°C
Junction Temperature Range
−40°C to +125°C
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test
conditions, see Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121-ADJ tables. The ensured
specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated
under the listed test conditions.
Electrical Characteristics
LM4121-1.250V
Unless otherwise specified VIN = 3.3V, ILOAD = 0, COUT = 0.01µF, TA = Tj = 25°C. Limits with standard typeface are for Tj =
25°C, and limits in boldface type apply over the
−40°C ≤ TA ≤ +85°C temperature range.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
VOUT
Output Voltage Initial
Accuracy
1.250
±0.2
%
LM4121A-1.250
LM4121-1.250
±0.5
TCVOUT/°C
Temperature
−40°C ≤ TA ≤ +125°C
14
50
ppm/°c
Coefficient
ΔVOUT/ΔVIN
Line Regulation
1.8V
≤ VIN ≤ 12V
0.0007
0.009
%/V
0.012
0 mA
≤ ILOAD ≤ 1 mA
0.03
0.08
0.17
1 mA
≤ ILOAD ≤ 5 mA
0.01
0.04
ΔVOUT/ΔILOAD
Load Regulation
%/mA
0.1
−1 mA ≤ ILOAD ≤ 0 mA
0.04
0.12
−5 mA ≤ ILOAD ≤ −1 mA
0.01
Min-VIN
Minimum Operating
ILOAD = 5mA
1.5
1.8
V
Voltage
VN
Output Noise Voltage
0.1 Hz to 10 Hz
20
µVPP
10 Hz to 10 kHz
30
µVRMS
IS
Supply Current
160
250
µA
275
ISS
Power-down Supply
VIN = 12V
Current
Enable = 0.4V
1
µA
Enable = 0.2V
2
VH
Logic High Input
1.6
1.5
V
Voltage
VL
Logic Low Input
0.4
V
Voltage
0.2
IH
Logic High Input
7
15
µA
Current
IL
Logic Low Input
0.1
µA
Current
VIN = 3.3V, VOUT = 0
15
6
30
ISC
Short Circuit Current
mA
VIN = 12V, VOUT = 0
17
6
30
Hyst
Thermal Hysteresis
−40°C ≤ TA ≤ 125°C
0.5
mV/V
(3)
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control (SQC) methods. The limits are used to calculate TI's Averaging Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Thermal hysteresis is defined as the change in +25°C output voltage before and after exposing the device to temperature extremes.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4121


Similar Part No. - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121AI-4.1 NSC-LM4121AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4121AIM5-1.2 NSC-LM4121AIM5-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5-ADJ NSC-LM4121AIM5-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-1.2 NSC-LM4121AIM5X-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-ADJ NSC-LM4121AIM5X-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com