Electronic Components Datasheet Search |
|
LM4121 Datasheet(PDF) 2 Page - Texas Instruments |
|
|
LM4121 Datasheet(HTML) 2 Page - Texas Instruments |
2 / 22 page LM4121 SNVS073C – APRIL 2000 – REVISED APRIL 2013 www.ti.com Connection Diagrams Figure 2. SOT23-5 Surface Mount Package Figure 3. SOT23-5 Surface Mount Package Table 1. SOT-23 Package Marking Information(1) Field Information First Field: R = Reference Second and third Field: 19 = 1.250V Voltage Option 20 = Adjustable Fourth Field: A-B = Initial Reference Voltage Tolerance A = ±0.2% B = ±0.5% (1) Only four fields of marking are possible on the SOT-23's small surface. This table gives the meaning of the four fields. These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Maximum Voltage on input or enable pins −0.3V to 14V Output Short-Circuit Duration Indefinite Power Dissipation (TA = 25°C) (3): DBV0005B package − θJA 280°C/W Power Dissipation 350 mW ESD Susceptibility (4) Human Body Model 2 kV Machine Model 200V Lead Temperature: Soldering, (10 sec.) +260°C Vapor Phase (60 sec.) +215°C Infrared (15 sec.) +220°C (1) “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121-ADJ tables. The ensured specifications apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed test conditions. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and specifications. (3) Without PCB copper enhancements. The maximum power dissipation must be de-rated at elevated temperatures and is limited by TJMAX (maximum junction temperature), θJ-A (junction to ambient thermal resistance) and TA (ambient temperature). The maximum power dissipation at any temperature is: PDissMAX = (TJMAX − TA)/θJ-A up to the value listed in the Absolute Maximum Ratings. (4) The human body model is a 100 pF capacitor discharged through a 1.5 k Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each pin. 2 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM4121 |
Similar Part No. - LM4121_15 |
|
Similar Description - LM4121_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |