Electronic Components Datasheet Search |
|
LM4121 Datasheet(PDF) 12 Page - Texas Instruments |
|
LM4121 Datasheet(HTML) 12 Page - Texas Instruments |
12 / 22 page LM4121 SNVS073C – APRIL 2000 – REVISED APRIL 2013 www.ti.com PIN DESCRIPTIONS Output (Pin 5) Reference Output. Input (Pin 4) Positive Supply. Ground (Pin 2) Negative Supply or Ground Connection Enable (Pin 3) Pulled to input for normal operation. Forcing this pin to ground will turn-off the output. REF (Pin 1) REF Pin (1.25V option only). This pin should be left unconnected for 1.25V option. Adj (Pin 1) VOUT Adj Pin (Adjustable option only). See Application Hints section. APPLICATION HINTS The standard application circuit for the LM4121 is shown in Figure 34. The output voltage is set with the two feedback resistors, according to the following formula: VOUT = [Vref(1+ R1/R2] − Ibias• R1 (1) Values for R1 and R2 should be chosen to be less than 1 M Ω. Ibias typically flows out of the adjust pin. Values for Vref and Ibias are found in the Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121- ADJ tables. For best accuracy, be sure to take into account the variation of VREF with input voltage, load and output voltage. The LM4121 is designed to be stable with ceramic output capacitors in the range of 0.022µF to 0.047µF. Note that 0.022µF is the minimum required output capacitor. These capacitors typically have an ESR of about 0.1 to 0.5 Ω. Smaller ESR can be tolerated, however larger ESR can not. The output capacitor can be increased to improve load transient response, up to about 1µF. However, values above 0.047µF must be tantalum. With tantalum capacitors, in the 1µF range, a small capacitor between the output and the reference (Adj) pin is required. This capacitor will typically be in the 50pF range. Care must be taken when using output capacitors of 1µF or larger. These application must be thoroughly tested over temperature, line and load. Also, when the LM4121 is used as a controller, with external active components, each application must be carefully tested to ensure a stable design. The adjust pin is sensitive to noise and capacitive loading. The trace to this pin must be as short as possible and the feedback resistors should be close to this pin. Also, a single point ground to the LM4121 will help ensure good accuracy at high load currents. An input capacitor is typically not required. However, a 0.1µF ceramic can be used to help prevent line transients from entering the LM4121. Larger input capacitors should be tantalum or aluminium. The enable pin is an analog input with very little hysteresis. About 6µA into this pin is required to turn the part on, and it must be taken close to GND to turn the part off (see Electrical Characteristics - LM4121-1.250V and Electrical Characteristics - LM4121-ADJ tables for thresholds). There is a minimum slew rate on this pin of about 0.003V/µS to prevent glitches on the output. All of these conditions can easily be met with ordinary CMOS or TTL logic. If the shutdown feature is not required, then this pin can safely be connected directly to the input supply. Floating this pin is not recommended. Figure 34. Standard Application Circuit 12 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LM4121 |
Similar Part No. - LM4121_15 |
|
Similar Description - LM4121_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |