Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4121 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4121_15 Datasheet HTML 6Page - Texas Instruments LM4121_15 Datasheet HTML 7Page - Texas Instruments LM4121_15 Datasheet HTML 8Page - Texas Instruments LM4121_15 Datasheet HTML 9Page - Texas Instruments LM4121_15 Datasheet HTML 10Page - Texas Instruments LM4121_15 Datasheet HTML 11Page - Texas Instruments LM4121_15 Datasheet HTML 12Page - Texas Instruments LM4121_15 Datasheet HTML 13Page - Texas Instruments LM4121_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LM4121
SNVS073C – APRIL 2000 – REVISED APRIL 2013
www.ti.com
LM4121-ADJ Typical Operating Characteristics
Unless otherwise specified, VIN = 3.3V, VOUT = 1.2V, ILOAD = 0, COUT = 0.022µF, TA = 25°C and VEN = VIN.
Typical Temperature Drift
Long Term Drift
Figure 24.
Figure 25.
Dropout Voltage
Dropout Voltage
vs
vs
Output Error
Load Current
Figure 26.
Figure 27.
Line Regulation
Load Regulation
Figure 28.
Figure 29.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4121


Similar Part No. - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121AI-4.1 NSC-LM4121AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4121AIM5-1.2 NSC-LM4121AIM5-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5-ADJ NSC-LM4121AIM5-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-1.2 NSC-LM4121AIM5X-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-ADJ NSC-LM4121AIM5X-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com