Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4121 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 1 Page - Texas Instruments

  LM4121_15 Datasheet HTML 1Page - Texas Instruments LM4121_15 Datasheet HTML 2Page - Texas Instruments LM4121_15 Datasheet HTML 3Page - Texas Instruments LM4121_15 Datasheet HTML 4Page - Texas Instruments LM4121_15 Datasheet HTML 5Page - Texas Instruments LM4121_15 Datasheet HTML 6Page - Texas Instruments LM4121_15 Datasheet HTML 7Page - Texas Instruments LM4121_15 Datasheet HTML 8Page - Texas Instruments LM4121_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4121
www.ti.com
SNVS073C – APRIL 2000 – REVISED APRIL 2013
LM4121 Precision Micropower Low Dropout Voltage Reference
Check for Samples: LM4121
1
FEATURES (LM4121-1.2)
DESCRIPTION
2
Small SOT23-5 Package
The
LM4121
is
a
precision
bandgap
voltage
Low Voltage Operation
reference available in a fixed 1.25V and adjustable
High Output Voltage Accuracy: 0.2%
version with up to 5 mA current source and sink
capability.
Source and Sink Current Output: ±5 mA
Supply current: 160
μA Typ.
This series reference operates with input voltages as
low as 1.8V and up to 12V consuming 160 µA (Typ.)
Low Temperature Coefficient: 50 ppm/°C
supply current. In power down mode, device current
Enable Pin
drops to less than 2
μA.
Output Voltages: 1.25V and Adjustable
The LM4121 comes in two grades A and Standard.
Industrial Temperature Range:
−40°C to +85°C
The best grade devices (A) have an initial accuracy of
(For Extended Temperature Range,
−40°C to
0.2%, while the standard have an initial accuracy of
125°C, Contact Texas Instruments)
0.5%, both with a tempco of 50ppm/°C ensured from
−40°C to +125°C.
APPLICATIONS
The very low operating voltage, low supply current
and power-down capability of the LM4121 makes this
Portable, Battery Powered Equipment
product an ideal choice for battery powered and
Instrumentation and Process Control
portable applications.
Automotive & Industrial
The device performance is ensured over the industrial
Test Equipment
temperature range (
−40°C to +85°C), while certain
Data Acquisition Systems
specs are ensured over the extended temperature
range (
−40°C to +125°C). Please contact Texas
Precision Regulators
Instruments for full specifications over the extended
Battery Chargers
temperature range. The LM4121 is available in a
Base Stations
standard 5-pin SOT-23 package.
Communications
Medical Equipment
Block Diagram
* Resistors are removed on the LM4121-ADJ
†LM4121-ADJ only
Figure 1. LM4121-1.2 Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121AI-4.1 NSC-LM4121AI-4.1 Datasheet
1Mb / 41P
Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4121AIM5-1.2 NSC-LM4121AIM5-1.2 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4121AIM5-ADJ NSC-LM4121AIM5-ADJ Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-1.2 NSC-LM4121AIM5X-1.2 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-ADJ NSC-LM4121AIM5X-ADJ Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
LM4120 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com