Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4121 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4121
Description  LM4121 Precision Micropower Low Dropout Voltage Reference
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4121 Datasheet(HTML) 5 Page - Texas Instruments

  LM4121_15 Datasheet HTML 1Page - Texas Instruments LM4121_15 Datasheet HTML 2Page - Texas Instruments LM4121_15 Datasheet HTML 3Page - Texas Instruments LM4121_15 Datasheet HTML 4Page - Texas Instruments LM4121_15 Datasheet HTML 5Page - Texas Instruments LM4121_15 Datasheet HTML 6Page - Texas Instruments LM4121_15 Datasheet HTML 7Page - Texas Instruments LM4121_15 Datasheet HTML 8Page - Texas Instruments LM4121_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM4121
www.ti.com
SNVS073C – APRIL 2000 – REVISED APRIL 2013
Electrical Characteristics
LM4121-ADJ (continued)
Unless otherwise specified VIN = 3.3V, VOUT = VREF, ILOAD = 0, COUT = 0.01µF, TA = Tj = 25°C. Limits with standard typeface
are for Tj = 25°C, and limits in boldface type apply over the −40°C ≤ TA ≤ +85°C temperature range.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Units
Hyst
Thermal Hysteresis
−40°C ≤ TA ≤ 125°C
0.5
mV/V
(5)
ΔVOUT
Long Term Stability
1000 hrs. @ 25°C
100
ppm
(6)
(5)
Thermal hysteresis is defined as the change in +25°C output voltage before and after exposing the device to temperature extremes.
(6)
Long term stability is change in VREF at 25°C measured continuously during 1000 hrs.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM4121


Similar Part No. - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121AI-4.1 NSC-LM4121AI-4.1 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
LM4121AIM5-1.2 NSC-LM4121AIM5-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5-ADJ NSC-LM4121AIM5-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-1.2 NSC-LM4121AIM5X-1.2 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4121AIM5X-ADJ NSC-LM4121AIM5X-ADJ Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
More results

Similar Description - LM4121_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com