Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 42 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 42 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 38Page - ON Semiconductor LC88FC2H0B Datasheet HTML 39Page - ON Semiconductor LC88FC2H0B Datasheet HTML 40Page - ON Semiconductor LC88FC2H0B Datasheet HTML 41Page - ON Semiconductor LC88FC2H0B Datasheet HTML 42Page - ON Semiconductor LC88FC2H0B Datasheet HTML 43Page - ON Semiconductor LC88FC2H0B Datasheet HTML 44Page - ON Semiconductor LC88FC2H0B Datasheet HTML 45Page - ON Semiconductor LC88FC2H0B Datasheet HTML 46Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
LC88FC2H0B
www.onsemi.com
42
■ Characteristics of a Sample Main System Clock Oscillation Circuit
Given below are the characteristics of a sample main system clock oscillation circuit that are measured using a
Our Company -designated oscillation characteristics evaluation board and external components with circuit
constant values with which the oscillator vendor confirmed normal and stable oscillation.
■ Table 1 Characteristics of a Sample Main System Clock Oscillator Circuit
with a Ceramic Resonator
Nominal
Frequency
Vendor Name
Resonator
Circuit Constant
Operating
Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C3
[pF]
C4
[pF]
Rf
[
]
Rd2
[
]
typ
[ms]
max
[ms]
12 MHz
MURATA
CSTCE12M0G52-R0
(10)
(10)
OPEN
330
2.2 to 3.6
0.02
0.2
C1, C2
integrated type
10 MHz
CSTCE10M0G52-R0
(10)
(10)
OPEN
680
2.2 to 2.6
0.02
0.2
C1, C2
integrated type
CSTLS10M0G53-B0
(15)
(15)
OPEN
680
2.2 to 3.6
0.02
0.2
C1, C2
integrated type
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized
after VDD goes above the lower limit level of the operating voltage range (see Figure 4)
■ Characteristics of a Sample Subsystem Clock Oscillator Circuit
Given below are the characteristics of a sample subsystem clock oscillation circuit that are measured using a
Our Company -designated oscillation characteristics evaluation board and external components with circuit
constant values with which the oscillator vendor confirmed normal and stable oscillation.
■ Table 2 Characteristics of a Sample Subsystem Clock Oscillator Circuit
with a Crystal Resonator
Nominal
Frequency
Vendor Name Resonator
Circuit Constant
Operating Voltage
Range
[V]
Oscillation
Stabilization Time
Remarks
C3
[pF]
C4
[pF]
Rf2
[
]
Rd2
[
]
typ
[s]
max
[s]
32.768 kHz
EPSON
TOYOCOM
MC-306
10
10
Open
330K
2.2 to 3.6
1.0
3.0
CL=7.0pF
The oscillation stabilization time refers to the time interval that is required for the oscillation to get stabilized
after the instruction for starting the subclock oscillator circuit is executed plus the time interval that is required
for the oscillation to get stabilized after the HOLD mode is released (see Figure 4).
Note : The traces to and from the components that are involved in oscillation should be kept as short as possible
as the oscillation characteristics are affected by their trace pattern.
Figure 1. CF oscillator circuit
Figure 2. XT Oscillator Circuit
Figure 3. AC Timing Measurement Point
C3
Rd2
C4
X’tal
XT2
XT1
Rf2
0.5VDD
C1
C2
CF
CF2
CF1
Rd1
Rf1


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com