Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 41 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 41 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 37Page - ON Semiconductor LC88FC2H0B Datasheet HTML 38Page - ON Semiconductor LC88FC2H0B Datasheet HTML 39Page - ON Semiconductor LC88FC2H0B Datasheet HTML 40Page - ON Semiconductor LC88FC2H0B Datasheet HTML 41Page - ON Semiconductor LC88FC2H0B Datasheet HTML 42Page - ON Semiconductor LC88FC2H0B Datasheet HTML 43Page - ON Semiconductor LC88FC2H0B Datasheet HTML 44Page - ON Semiconductor LC88FC2H0B Datasheet HTML 45Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
LC88FC2H0B
www.onsemi.com
41
■ Power Pin Treatment Conditions 1 (VDD1, VSS1)
Connect capacitors that meet the following conditions between the VDD1 and VSS1 pins :
- Connect among the VDD1 and VSS1 pins and the capacitors C1 and C2 with the shortest possible lead wires,
of the same length (L1=L1', L2=L2') wherever possible.
- Connect a large-capacity capacitor C1 and a small-capacity capacitor C2 in parallel.
The capacitance of C2 should be approximately 0.1
F or larger.
- The VDD1 and VSS1 traces must be thicker than the other traces.
■ Power Pin Treatment Conditions 2 (VDD2, 3, 4 and VSS2, 3, 4)
Connect capacitors that meet the following condition between the VDD2, 3, 4 and VSS2, 3, 4 pins :
- Connect among the VDD2, 3, 4 and VSS2, 3, 4 pins and the capacitor C3 with the shortest possible lead
wires, of the same length (L3=L3') wherever possible.
- The capacitance of C3 should be approximately 0.1
F or larger.
- The VDD2, 3, 4 and VSS2, 3, 4 traces must be thicker than the other traces.
VSS1
VDD1
L1’
L2’
L1
L2
C1
C2
VSS2,3, 4
VDD2,3, 4
L3’
L3
C3


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com