Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 39 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 39 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 35Page - ON Semiconductor LC88FC2H0B Datasheet HTML 36Page - ON Semiconductor LC88FC2H0B Datasheet HTML 37Page - ON Semiconductor LC88FC2H0B Datasheet HTML 38Page - ON Semiconductor LC88FC2H0B Datasheet HTML 39Page - ON Semiconductor LC88FC2H0B Datasheet HTML 40Page - ON Semiconductor LC88FC2H0B Datasheet HTML 41Page - ON Semiconductor LC88FC2H0B Datasheet HTML 42Page - ON Semiconductor LC88FC2H0B Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
LC88FC2H0B
www.onsemi.com
39
Continued from preceding page.
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
HOLD mode
consumption
current
IDDHOLD (1) VDD1
HOLD mode
 CF1=VDD or open
(external clock mode)
2.7 to 3.6
0.2
45
A
IDDHOLD (2)
HOLD mode
 CF1=VDD or open
(external clock mode)
 LVD option selected
2.7 to 3.6
1.2
48
HOLDX mode
consumption
current
IDDHOLD (3)
HOLDX mode
 CF1=VDD or open
(external clock mode)
 FmX'tal=32.768 kHz crystal
oscillator mode
2.7 to 3.6
4.6
60
IDDHOLD (4)
HOLDX mode
 CF1=VDD or open
(external clock mode)
 FmX'tal=32.768 kHz crystal
oscillator mode
 LVD option selected
2.7 to 3.6
5.6
63
Note 7-1 : The consumption current value includes none of the currents that flow into the output transistor and
internal pull-up resistors.
■ F-ROM Programming Characteristics at Ta=+10 to +55C, VSS1=VSS2=VSS3=VSS4=0V
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Onboard
programming
current
IDDFW (1)
VDD1
 Microcontroller erase current
current is excluded.
2.7 to 3.6
10
mA
Onboard
programming
time
tFW (1)
 2K-byte erase operation
2.7 to 3.6
25
ms
tFW (2)
 2-byte programming operation
2.7 to 3.6
45
μs


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com