Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 38 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 38 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 34Page - ON Semiconductor LC88FC2H0B Datasheet HTML 35Page - ON Semiconductor LC88FC2H0B Datasheet HTML 36Page - ON Semiconductor LC88FC2H0B Datasheet HTML 37Page - ON Semiconductor LC88FC2H0B Datasheet HTML 38Page - ON Semiconductor LC88FC2H0B Datasheet HTML 39Page - ON Semiconductor LC88FC2H0B Datasheet HTML 40Page - ON Semiconductor LC88FC2H0B Datasheet HTML 41Page - ON Semiconductor LC88FC2H0B Datasheet HTML 42Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 47 page
background image
LC88FC2H0B
www.onsemi.com
38
Continued from preceding page.
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
HALT mode
consumption
current
(Note 7-1)
IDDHALT (1) VDD1
=VDD2
=VDD3
=VDD4
 HALT mode
 FmCF=12 MHz ceramic oscillator
mode
 FmX'tal=32.768 kHz crystal
oscillation mode
 System clock set to 12 MHz
 Internal RC oscillation stopped
 1/1 frequency division mode
3.0 to 3.6
1.7
3.5
mA
IDDHALT (2)
 HALT mode
 FmCF=10 MHz ceramic oscillator
mode
 FmX'tal=32.768 kHz crystal oscillator
mode
 System clock set to 10 MHz
 Internal RC oscillation stopped
 1/1 frequency division mode
2.7 to 3.6
1.5
3.2
IDDHALT (3)
 HALT mode
 FmCF=0Hz (oscillation stopped)
 FmX'tal=32.768 kHz crystal oscillator
mode
 System clock set to internal RC
oscillation
 1/1 frequency division mode
2.7 to 3.6
0.2
0.8
IDDHALT (4)
 HALT mode
 FmCF=0Hz (oscillation stopped)
 FmX'tal=32.768 kHz crystal oscillator
mode
 System clock set to 32.768 kHz
 Internal RC oscillation stopped
 1/1 frequency division mode
2.7 to 3.6
8.5
65
A
Continued on next page.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com