Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 36 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 36 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 32Page - ON Semiconductor LC88FC2H0B Datasheet HTML 33Page - ON Semiconductor LC88FC2H0B Datasheet HTML 34Page - ON Semiconductor LC88FC2H0B Datasheet HTML 35Page - ON Semiconductor LC88FC2H0B Datasheet HTML 36Page - ON Semiconductor LC88FC2H0B Datasheet HTML 37Page - ON Semiconductor LC88FC2H0B Datasheet HTML 38Page - ON Semiconductor LC88FC2H0B Datasheet HTML 39Page - ON Semiconductor LC88FC2H0B Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
LC88FC2H0B
www.onsemi.com
36
■ AD Converter Characteristics at Ta=–40 to +85C, VSS1=VSS2=VSS3=VSS4=0V
1. 12-bit AD Conversion Mode
Parameter
Symbol
Applicable Pin
/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Resolution
NAD
AN0 (P60)
to AN7 (P67),
AN8 (P70)
to AN15 (P77)
2.7 to 3.6
12
bit
Absolute accuracy
ETAD
(Note 6-1)
2.7 to 3.6
16
LSB
Conversion time
TCAD12
Conversion time calculated
3.0 to 3.6
64
115
s
2.7 to 3.6
128
230
Analog input
voltage range
VAIN
2.7 to 3.6
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
2.7 to 3.6
1
A
IAINL
VAIN=VSS
2.7 to 3.6
1
 Conversion time calculation formula : TCAD12 = (
ratio
division
AD
52
+2)
 tCYC
2. 8-bit AD Conversion Mode
Parameter
Symbol
Applicable Pin
/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Resolution
NAD
AN0 (P60)
to AN7 (P67),
AN8 (P70)
to AN15 (P77)
2.7 to 3.6
8
bit
Absolute accuracy
ETAD
(Note 6-1)
2.7 to 3.6
1.5
LSB
Conversion time
TCAD8
Conversion time calculated
3.0 to 3.6
39
71
s
2.7 to 3.6
79
140
Analog input
voltage range
VAIN
2.7 to 3.6
VSS
VDD
V
Analog port
input current
IAINH
VAIN=VDD
2.7 to 3.6
1
A
IAINL
VAIN=VSS
2.7 to 3.6
1
 Conversion time calculation formula : TCAD8 = (
ratio
division
AD
52
+2)
 tCYC
Note 6-1 : The quantization error (±1/2LSB) is excluded from the absolute accuracy.
Note 6-2 : The conversion time refers to the interval from the time a conversion starting instruction is issued
till the time the complete digital value against the analog input value is loaded in the result register.
The conversion time is twice the normal value when one of the following conditions occurs:
- The first AD conversion is executed in the 12-bit AD conversion mode after a system reset.
- The first AD conversion is executed after the AD conversion mode is switched from 8-bit to 12-bit AD
conversion mode.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com