Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 31 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 31 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 27Page - ON Semiconductor LC88FC2H0B Datasheet HTML 28Page - ON Semiconductor LC88FC2H0B Datasheet HTML 29Page - ON Semiconductor LC88FC2H0B Datasheet HTML 30Page - ON Semiconductor LC88FC2H0B Datasheet HTML 31Page - ON Semiconductor LC88FC2H0B Datasheet HTML 32Page - ON Semiconductor LC88FC2H0B Datasheet HTML 33Page - ON Semiconductor LC88FC2H0B Datasheet HTML 34Page - ON Semiconductor LC88FC2H0B Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
LC88FC2H0B
www.onsemi.com
31
5-2. SMIIC1 I
2C Mode Input/Output Characteristics
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
Min
typ
max
unit
Period
tSCL
SM1CK
(PB4)
 See Fig. 8.
2.7 to 3.6
5
Tfilt
Low level
pulse width
tSCLL
2.5
High level
pulse width
tSCLH
2
Period
tSCLx
SM1CK
(PB4)
 Specified as interval up to
time when output state starts
changing.
2.7 to 3.6
10
Low level
pulse width
tSCLLx
1/2
tSCL
High level
pulse width
tSCLHx
1/2
SM0CK and SM0DA
pins input spike
suppression time
tsp
SM1CK (PB4)
SM1DA (PB5)
 See Fig. 8.
2.7 to 3.6
1
Tfilt
Bus release time
between start and
stop
tBUF
SM1CK (PB4)
SM1DA (PB5)
 See Fig. 8.
2.7 to 3.6
2.5
Tfilt
tBUFx
SM1CK (PB4)
SM1DA (PB5)
 Standard clock mode
 Specified as interval up to
time when output state starts
changing.
5.5
μsec
 High-speed clock mode
 Specified as interval up to
time when output state starts
changing.
1.6
Start/restart
condition hold
time
tHD;STA
SM1CK (PB4)
SM1DA (PB5)
 When SMIIC register
control bit,
I2CSHDS=0
 See Fig. 8.
2.7 to 3.6
2.0
Tfilt
 When SMIIC register
control bit
I2CSHDS=1
 See Fig. 8.
2.5
tHD;STAx SM1CK (PB4)
SM1DA (PB5)
 Standard clock mode
 Specified as interval up to
time when output state starts
changing.
4.1
μsec
 High-speed clock mode
 Specified as interval up to
time when output state starts
changing.
1.0
Restart condition
setup time
tSU;STA
SM1CK (PB4)
SM1DA (PB5)
 See Fig. 8.
2.7 to 3.6
1.0
Tfilt
tSU;STAx
SM1CK (PB4)
SM1DA (PB5)
 Standard clock mode
 Specified as interval up to
time when output state starts
changing.
5.5
μsec
 High-speed clock mode
 Specified as interval up to
time when output state starts
changing.
1.6


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com