Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 29 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 29 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 25Page - ON Semiconductor LC88FC2H0B Datasheet HTML 26Page - ON Semiconductor LC88FC2H0B Datasheet HTML 27Page - ON Semiconductor LC88FC2H0B Datasheet HTML 28Page - ON Semiconductor LC88FC2H0B Datasheet HTML 29Page - ON Semiconductor LC88FC2H0B Datasheet HTML 30Page - ON Semiconductor LC88FC2H0B Datasheet HTML 31Page - ON Semiconductor LC88FC2H0B Datasheet HTML 32Page - ON Semiconductor LC88FC2H0B Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
LC88FC2H0B
www.onsemi.com
29
Parameter
Symbol
Applicable
Pin/Remarks
Conditions
Specification
VDD [V]
Min
typ
max
Unit
Stop condition
setup time
tSU;STO
SM0CK (P22)
SM0DA (P23)
 See Fig. 8.
2.7 to 3.6
1.0
Tfilt
tSU;STOx
SM0CK (P22)
SM0DA (P23)
 Standard clock mode
 Specified as interval up to
time when output state starts
changing.
4.9
s
 High-speed clock mode
 Specified as interval up to
time when output state starts
changing.
1.1
Data hold time
tHD;DAT
SM0CK (P22)
SM0DA (P23)
 See Fig. 8.
2.7 to 3.6
0
Tfilt
tHD;DATx SM0CK (P22)
SM0DA (P23)
 Specified as interval up to
time when output state starts
changing.
1
1.5
Data setup time
tSU;DAT
SM0CK (P22)
SM0DA (P23)
 See Fig. 8.
2.7 to 3.6
1
Tfilt
tSU;DATx SM0CK (P22)
SM0DA (P23)
 Specified as interval up to
time when output state starts
changing.
1tSCL-
1.5Tfilt
SM0CK and
SM0DA pins fall
time
tF
SM0CK (P22)
SM0DA (P23)
 See Fig. 8.
2.7 to 3.6
300
ns
tF
SM0CK (P22)
SM0DA (P23)
 When SMIIC register
control bits
PSLW=1, P5V=1
3
20+0.1Cb
250
 SM0CK, SM0DA port
output FAST mode
 Cb ≤ 400pF
3.0 to 3.6
100
Note 4-8-1 : These specifications are theoretical values. Add margin depending on its use.
Note 4-8-2 : The value of Tfilt is determined by the values of the register SMIC0BRG, bits 7 and 6 (BRP1,
BRP0) and the system clock frequency.
BRP1
BRP0
Tfilt
0
0
tCYC
1
0
1
tCYC
2
1
0
tCYC
3
1
1
tCYC
4
Set bits (BPR1, BPR0) so that the value of Tfilt falls between the following range :
250 ns ≥ Tfilt > 140 ns
Note 4-8-3: Cb represents the total loads (in pF) connected to the bus pins. Cb ≤ 400 pF
Note 4-8-4: The standard clock mode refers to a mode that is entered by configuring SMIC0BRG as follows :
250 ns ≥ Tfilt > 140 ns
BRDQ (bit5) = 1
SCL frequency setting ≤ 100 kHz
The high-speed clock mode refers to a mode that is entered by configuring SMIC0BRG as follows :
250 ns ≥ Tfilt > 140 ns
BRDQ (bit5) = 0
SCL frequency setting ≤ 400 kHz


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com