Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 2 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 2 Page - ON Semiconductor

  LC88FC2H0B Datasheet HTML 1Page - ON Semiconductor LC88FC2H0B Datasheet HTML 2Page - ON Semiconductor LC88FC2H0B Datasheet HTML 3Page - ON Semiconductor LC88FC2H0B Datasheet HTML 4Page - ON Semiconductor LC88FC2H0B Datasheet HTML 5Page - ON Semiconductor LC88FC2H0B Datasheet HTML 6Page - ON Semiconductor LC88FC2H0B Datasheet HTML 7Page - ON Semiconductor LC88FC2H0B Datasheet HTML 8Page - ON Semiconductor LC88FC2H0B Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
LC88FC2H0B
www.onsemi.com
2
Function Details
 Xstromy16 CPU
 4G-byte address space
 General-purpose registers : 16 bits  16 registers
 Flash ROM
 524288  8 bits
 Programming voltage level : 2.7 to 3.6V.
 Block-erasable in 2K byte units.
 Data written in 2-byte units.
 RAM
 24576  8 bits
Minimum instruction cycle time (tCYC)
 83.3 ns (12 MHz), VDD = 3.0 to 3.6V
 100 ns (10 MHz),
VDD = 2.7 to 3.6V
 Ports
 Normal withstand voltage I/O ports
Ports whose I/O direction can be designated in 1 bit units : 86 (P0n P1n, P2n, P3n, P4n, P5n, P6n, P7n, PAn
PB0 to PB6, PC2, PD0 to PD5)
 Oscillation/normal withstand voltage I/O ports
: 4 (PC0, PC1, PC3, PC4)
 Reset pins
: 1 (RESB)
 TEST pins
: 1 (TEST)
 Power pins
: 8 (VSS1 to 4, VDD1 to 4)
 Timers
 Timer 0 : 16-bit timer that supports PWM/toggle outputs
<1> 5-bit prescaler
<2> 8-bit PWM
 2, 8-bit timer + 8-bit PWM mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator.
 Timer 1 : 16-bit timer with capture registers
<1> 5-bit prescaler
<2> May be divided into 2 channels of 8-bit timer
<3> Clock source selectable from system clock, OSC0, OSC1, and internal RC oscillator
 Timer 2 : 16-bit timer with capture registers
<1> 4-bit prescaler
<2> May be divided into 2 channels of 8-bit timer
<3> Clock source selectable from system clock, OSC0, OSC1, and external events
 Timer 3 : 16-bit timer that shpports PWM/toggle outputs
<1> 8-bit prescaler
<2> 8-bit timer
 2ch or 8-bit timer+8-bit PWM mode selectable
<3> Clock source selectable from system clock, OSC0, OSC1, and external events
 Timer 4 : 16-bit timer that supports toggle outputs
<1> Clock source selectable from system clock and prescaler 0
 Timer 5 : 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 0
 Timer 6 : 16-bit timer that supports toggle outputs
<1> Clock source selectable from system clock and prescaler 1
 Timer 7 : 16-bit timer that supports toggle output
<1> Clock source selectable from system clock and prescaler 1
*Prescaler 0 and 1 are consisted of 4bits and can choose their clock source from OSC0 or OSC1.
 Base timer
<1> Clock may be selected from OSC0 (32.768 kHz crystal oscillator) and frequency-divided output of
system clock.
<2> Interrupts can be generated in 7 timing schemes.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com