Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 19 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 19 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 15Page - ON Semiconductor LC88FC2H0B Datasheet HTML 16Page - ON Semiconductor LC88FC2H0B Datasheet HTML 17Page - ON Semiconductor LC88FC2H0B Datasheet HTML 18Page - ON Semiconductor LC88FC2H0B Datasheet HTML 19Page - ON Semiconductor LC88FC2H0B Datasheet HTML 20Page - ON Semiconductor LC88FC2H0B Datasheet HTML 21Page - ON Semiconductor LC88FC2H0B Datasheet HTML 22Page - ON Semiconductor LC88FC2H0B Datasheet HTML 23Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
LC88FC2H0B
www.onsemi.com
19
Continued from preceding page.
Parameter
Symbol
Applicable Pin
/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Oscillation
frequency range
(Note 2-3)
FmCF (1)
PC3 (CF1),
PC4 (CF2)
12 MHz ceramic oscillator
mode
See Fig. 1.
3.0 to 3.6
12
MHz
FmCF (2)
PC3(CF1),
PC4(CF2)
10 MHz ceramic oscillator
mode
See Fig. 1.
2.7 to 3.6
10
FmRC
Internal RC oscillation
2.7 to 3.6
0.5
1.0
2.0
FmSLRC
Internal low-speed RC
oscillation
2.7 to 3.6
18
30
45
kHz
FsX'tal
XT1, XT2
32.768 kHz crystal oscillator
mode
See Fig. 2.
2.7 to 3.6
32.768
FmVCO(1)
VCO oscillator
When setting FRQSEL=0
See Fig. 9.
2.7 to 3.6
12
28
MHz
FmVCO(2)
VCO oscillator
When setting FRQSEL=1
See Fig. 9.
2.7 to 3.6
38
70
FmVCO(5)
VCO oscillator
2.7 to 3.6
Note 2-3
Note 2-2 : See Tables 1 and 2 for oscillator constant values.
Note 2-3 : VCO oscillation frequency = Ceramic oscillator frequency  Setting point of SELREF
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com