Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 17 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 13Page - ON Semiconductor LC88FC2H0B Datasheet HTML 14Page - ON Semiconductor LC88FC2H0B Datasheet HTML 15Page - ON Semiconductor LC88FC2H0B Datasheet HTML 16Page - ON Semiconductor LC88FC2H0B Datasheet HTML 17Page - ON Semiconductor LC88FC2H0B Datasheet HTML 18Page - ON Semiconductor LC88FC2H0B Datasheet HTML 19Page - ON Semiconductor LC88FC2H0B Datasheet HTML 20Page - ON Semiconductor LC88FC2H0B Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
LC88FC2H0B
www.onsemi.com
17
Continued from preceding page.
Parameter
Symbol
Applicable Pin
/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Peak output
current
IOPL (1)
Ports 0, 1, 3, 4
Ports 7, D
P20, P21, P24 to P27
PA0 to PA4, PA6,
PA7
PB0 to PB4, PB6,
Per applicable pin
15
mA
IOPL (2)
P22, P23
PA4, PA5
PB4, PB5
Per applicable pin
20
IOPL (3)
Ports 5, 6
PC0 to PC4
Per applicable pin
7.5
Average output
current
(Note 1-1)
IOML (1)
Ports 0, 1, 3, 4
Ports 7, D
P20, P21, P24 to P27
PA0 to PA4, PA6,
PA7
PB0 to PB4, PB6,
PB7
Per applicable pin
12.5
IOML (2)
P22, P23
PA4, PA5
PB4, PB5
Per applicable pin
15
IOML (3)
Ports 5, 6
PC0 to PC4
Per applicable pin
5
Total output
current
IOAL (1)
Ports 5
PC0 to PC2
Total of currents at
applicable pins
10
IOAL (2)
Port 6
PC3 to PC4
Total of currents at
applicable pins
10
IOAL (3)
Port 5, 6
PC0 to PC4
Total of currents at
applicable pins
20
IOAL (4)
Ports 1, D
P20, P21
Total of currents at
applicable pins
35
IOAL (5)
P22 to P27
Total of currents at
applicable pins
35
IOAL (6)
Ports 1, 2, D
Total of currents at
applicable pins
70
IOAL (7)
Port 4
Total of currents at
applicable pins
35
IOAL (8)
Port 0, 3
Total of currents at
applicable pins
35
IOAL (9)
Port 0, 3, 4
Total of currents at
applicable pins
70
IOAL (10) Port 7, B
Total of currents at
applicable pins
35
IOAL (11) Port A
Total of currents at
applicable pins
35
IOAL (12) Port 7, A, B
Total of currents at
applicable pins
70
Allowable power
dissipation
Pd max
TQFP100
Ta=
40 to +85C
Package with thermal
resistance bord
(Note 1-2)
460
mW
Operating ambient
temperature
Topr
40
+85
C
Storage ambient
temperature
Tstg
55
+125
Note 1-1 : Average output current refers to the average of output currents measured for a period of 100 ms.
Note 1-2 : SEMI standerds thermal resistance board (size : 76.1
 114.3  1.6 tmm, glass epoxy) is used.
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com