Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC88FC2H0B Datasheet(PDF) 16 Page - ON Semiconductor

Part # LC88FC2H0B
Description  16-bit Microcontroller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC88FC2H0B Datasheet(HTML) 16 Page - ON Semiconductor

Back Button LC88FC2H0B Datasheet HTML 12Page - ON Semiconductor LC88FC2H0B Datasheet HTML 13Page - ON Semiconductor LC88FC2H0B Datasheet HTML 14Page - ON Semiconductor LC88FC2H0B Datasheet HTML 15Page - ON Semiconductor LC88FC2H0B Datasheet HTML 16Page - ON Semiconductor LC88FC2H0B Datasheet HTML 17Page - ON Semiconductor LC88FC2H0B Datasheet HTML 18Page - ON Semiconductor LC88FC2H0B Datasheet HTML 19Page - ON Semiconductor LC88FC2H0B Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
LC88FC2H0B
www.onsemi.com
16
■ Absolute Maximum Ratings at Ta=25C, VSS1=VSS2=VSS3= VSS4=0V
Parameter
Symbol
Applicable Pin
/Remarks
Conditions
Specification
VDD [V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1, VDD2,
VDD3, VDD4
VSS1=VSS2=VSS3=
VSS4
0.3
+4.6
V
Input voltage
VI (1)
RESB
0.3
VDD
+0.3
Input/output voltage VIO (1)
Ports 0, 1, 2
Ports 3, 4, 5
Ports 6, 7
Ports A, B, C, D
0.3
VDD
+0.3
Peak output
current
IOPH (1)
Ports 0, 1, 2, 3
P40 to P45
Ports 7, A, D
PB2 to PB6
CMOS output selected
Per applicable pin
7.5
mA
IOPH (2)
P46, P47
PB0, PB1
Per applicable pin
12.5
IOPH (3)
Port 5, 6
PC0 to PC4
Per applicable pin
4.5
Average output
current
(Note 1-1)
IOMH (1)
Ports 0, 1, 2, 3
P40 to P45
Ports 5, 6, 7, A
PB2 to PB6
Ports D
CMOS output selected
Per applicable pin
5
IOMH (2)
P46, P47
PB0, PB1
Per applicable pin
10
IOMH (3)
Port 5, 6
PC0 to PC4
Per applicable pin
3
Total output
current
IOAH (1)
Pprts 5
PC0 to PC4
Total of currents at
applicable pins
10
IOAH (2)
Port 6
Total of currents at
applicable pins
10
IOAH (3)
Port 5, 6
PC0 to PC4
Total of currents at
applicable pins
20
IOAH (4)
Ports 1,D1
P20 to P21
Total of currents at
applicable pins
20
IOAH (5)
P22 to P27
Total of currents at
applicable pins
20
IOAH (6)
Ports 1, 2, D
Total of currents at
applicable pins
40
IOAH (7)
Ports 4
Total of currents at
applicable pins
20
IOAH (8)
Ports 0, 3
Total of currents at
applicable pins
20
IOAH (9)
Ports 0, 3, 4
Total of currents at
applicable pins
40
IOAH (10)
Ports B, 7
Total of currents at
applicable pins
20
IOAH (11)
Ports A
Total of currents at
applicable pins
20
IOAH (12)
Ports 7, A, B
Total of currents at
applicable pins
40
Note 1-1 : Average output current refers to the average of output currents measured for a period of 100 ms.
Continued on next page.


Similar Part No. - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results

Similar Description - LC88FC2H0B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
16-Bit Microcontroller
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
16-BIT MICROCONTROLLER
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
16-bit Microcontroller
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
16-bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
16-bit Microcontroller
June, 2013 Ver.1.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com